Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI-301B-200AT Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NPI-301B-200AT
Description  Low-cost surface mount package: SO-8
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-301B-200AT Datasheet(HTML) 3 Page - Amphenol Corporation

  NPI-301B-200AT Datasheet HTML 1Page - Amphenol Corporation NPI-301B-200AT Datasheet HTML 2Page - Amphenol Corporation NPI-301B-200AT Datasheet HTML 3Page - Amphenol Corporation NPI-301B-200AT Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPP-301 Series Specifications
Parameter
Value
Units
Notes
General
Pressure Range
100
kPa
≈15 psi
200
kPa
≈30 psi
700
kPa
≈100 psi
Maximum Pressure
3x
rated pressure
Electrical @ 77°F (25°C) unless otherwise stated
Excitation
3.0
V
10 VDC maximum
Input Impedance
5,000 ±20%
Ω
Output Impedance
5,000 ±20%
Ω
Environmental
Electrostatic
Damage (ESD)
Class 1
Operating
Temperature
Range
–40°F to
257°F
(–40°C to 125°C)
Mechanical (1)
Weight ≈
0.0002
lb
(0.10 g)
Media
Compatibility
Clean, dry air and non-corrosive gases
Ordering Information
The code number to be ordered may be specified as follows:
NPP
Code
Description
Shipping
301A-100A
15 psia (1.03 bar), non-ported
IC tubes
301A-200A
30 psia (2.06 bar), non-ported
IC tubes
301A-700A
100 psia (6.89 bar), non-ported
IC tubes
301A-100AT
15 psia (1.03 bar), non-ported
Tape and reel
301A-200AT
30 psia (2.06 bar), non-ported
Tape and reel
301A-700AT
100 psia (6.89 bar), non-ported
Tape and reel
301B-100A
15 psia (1.03 bar), ported
IC tubes
301B-200A
30 psia (2.06 bar), ported
IC tubes
301B-700A
100 psia (6.89 bar), ported
IC tubes
301B-100AT
15 psia (1.03 bar), ported
Tape and reel
301B-200AT
30 psia (2.06 bar), ported
Tape and reel
301B-700AT
100 psia (6.89 bar), ported
Tape and reel
NPP -
________
Typical model number
Parameter
Units
Minimum
Type
Maximum
Notes
Performance Parameters (Note 2)
Offset
mV/V
±10
Full Scale Output
mV
60 ±20
Linearity
%FSO
±0.20
3
Hysteresis and
Repeatability
%FSO
0.1
Thermal
Coefficient
of Zero
%FSO/°C
0.04
4
Thermal
Coefficient
of Resistance
%/°C
0.3
4
Thermal
Coefficient
of Sensitivity
%FSO/°C
–0.2
4
Thermal Hysteresis
of Zero
%FSO
0.1
5
Long-Term
Stability of FSO
%FSO
0.2
6
1. Standard IC industry bake operations should be used prior to surface mount
operations. Consult NovaSensor for further information.
2. Values measured at 3 VDC and 77°F (25°C), unless otherwise noted.
3. Best fit straight line.
4. Typical coefficients, between 32°F to 158°F (0° to 70°C).
5. 32°F to 158°F (0° to 70°C).
6. Typical value over one year.


Similar Part No. - NPI-301B-200AT

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
NPI-12-101GH AMPHENOL-NPI-12-101GH Datasheet
70Kb / 4P
   Level sensing
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
NPI-15A-1K-A-V AMPHENOL-NPI-15A-1K-A-V Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15A-1K-S-V AMPHENOL-NPI-15A-1K-S-V Datasheet
120Kb / 4P
   Solid state, high reliability
More results

Similar Description - NPI-301B-200AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
   Low cost, surface mount SOIC package
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0311 AVAGO-MSA-0311 Datasheet
170Kb / 4P
   Low Cost Surface Mount Plastic Package
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
   Low cost, surface mount SOIC package
SM5420 ETC2-SM5420 Datasheet
216Kb / 2P
   Low-Cost, SO-8 Packaged Pressure Sensor
logo
International Rectifier
IRF9321PBF IRF-IRF9321PBF_15 Datasheet
275Kb / 8P
   Industry-Standard SO-8 Package
IRF9335PBF IRF-IRF9335PBF_15 Datasheet
274Kb / 8P
   Industry-Standard SO-8 Package
IRF9362PBF IRF-IRF9362PBF_15 Datasheet
292Kb / 8P
   Industry-Standard SO-8 Package
IRF9332PBF IRF-IRF9332PBF_15 Datasheet
289Kb / 8P
   Industry-Standard SO-8 Package
IRF9358PBF IRF-IRF9358PBF_15 Datasheet
280Kb / 8P
   Industry-Standard SO-8 Package
IRL6372PBF IRF-IRL6372PBF_15 Datasheet
278Kb / 8P
   Industry-Standard SO-8 Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com