Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH-8-200-G-H Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPH-8-200-G-H
Description  Solid state, high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPH-8-200-G-H Datasheet(HTML) 2 Page - Amphenol Corporation

  NPH-8-200-G-H Datasheet HTML 1Page - Amphenol Corporation NPH-8-200-G-H Datasheet HTML 2Page - Amphenol Corporation NPH-8-200-G-H Datasheet HTML 3Page - Amphenol Corporation NPH-8-200-G-H Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPH Series Specifications
An integrated circuit silicon sensor chip is housed in a
standard TO-8 electrical package that is printed circuit
board mountable.
The latest techniques in micromachining have been
used to ion-implant piezoresistive strain gauges into
a wheatstone bridge configuration that is integrally
formed on a micromachined silicon diaphragm. As with
all NovaSensor silicon sensors, the NPH Series employs
SenStable® processing technology, providing excellent
output stability. Constant current excitation to the sen-
sor produces a voltage output that is linearly propor-
tional to the input pressure.
The user can provide standard signal conditioning cir-
cuitry to amplify the 100 mV output signal. The sensor is
compatible with most non-corrosive gases and dry air.
A laser-trimmed, thick-film resistor network on a hybrid
ceramic substrate provides temperature compensation.
Description
Parameter
Value
Units
Notes
General
Pressure Range
0 to 15
psi
(0 to 1 bar) 0 to 100 kPa
0 to 30
psi
(0 to 2 bar) 0 to 200 kPa
0 to 100
psi
(0 to 7 bar) 0 to 700 kPa
Maximum Pressure
4x
rated pressure (8)
Electrical @ 77°F (25°C) Unless Otherwise Stated
Input Excitation
1.5
mA
2 mA maximum
Insulation Resistance
108
@ 50 VDC
Input Impedance
4000
±20%
Output Impedance
5000
±20%
Bridge Impedance
5000
±20%
Environmental
Temperature Range
Operating(9)
Compensated
Vibration
Shock
Life (Dynamic
Pressure Cycle)
–40 to 257
32 to 158
10
100
1 x 106
°F
°F
gRMS
g
cycles
(-40°C to 125°C)
(0°C to 70°C)
20 to 2000 Hz
11 milliseconds
Mechanical (1)
Weight
<0.2
oz
(<5 g)
Media Compatibility
Non-corrosive gases and clean, dry air
Wetted Materials
Top Port
Bottom Port
Nickel, gold plated Kovar, silicone gel, gold
wire, RTV, silicon and glass.
Gold plated Kovar, silicon, glass and RTV (10)
Parameter
Units
Min.
Type
Max.
Notes
Performance Parameters(7), Compensated(1), 100, 200 and 700 kPa
Offset
mV
–2
1
2
Full Scale Output
mV
75
100
125
2
Linearity
%FSO
–0.1
0.05
0.1
3
Hysteresis and
Repeatability
%FSO
–0.05
0.01
0.05
Thermal Accuracy of Offset
100 kPa
%FSO
–0.6
0.4
0.6
4
200 and 700 kPa
%FSO
–0.5
0.2
0.5
4
Thermal Accuracy of FSO
100 kPa
%FSO
–0.6
0.4
0.6
4
200 & 700 kPa
%FSO
–0.5
0.2
0.5
4
Thermal Hysteresis
%FSO
–0.1
0.05
0.1
5
Short-Term
Stability of Offset
µV/V
5
6, 11
Short-Term
Stability of FSO
µV/V
5
6, 11
1. Performance with offset , thermal accuracy of offset , and thermal ac-
curacy of FSO compensation resistors.
2. FSO with 1.5 mA input excitation.
3. Best fit straight line.
4. 32°F to 158°F (0°C to 70°C) with reference to 77°F (25°C)
5. 32°F to 158°F (0°C to 70°C), by design.
6. Normalized offset/bridge voltage—100 hrs, typical value, not tested in
production.
7. All values at 77°F (25°C) and at 1.5 mA, unless otherwise noted.
8. Topside pressure. Backside pressure maximum pressure is 250 psi
(17.23 bar) or 4x rated pressure, whichever is less.
9. Reduced performance outside compensation range.
10.Backside differential tube is nickel or Kovar.
11.Typical specifications are for reference only; absolute values may vary.


Similar Part No. - NPH-8-200-G-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-002.5-A-H AMPHENOL-NPH-8-002.5-A-H Datasheet
111Kb / 4P
   Solid state, high reliability
NPH-8-002.5-D-H AMPHENOL-NPH-8-002.5-D-H Datasheet
111Kb / 4P
   Solid state, high reliability
NPH-8-002.5-G-H AMPHENOL-NPH-8-002.5-G-H Datasheet
111Kb / 4P
   Solid state, high reliability
NPH-8-007-A-H AMPHENOL-NPH-8-007-A-H Datasheet
111Kb / 4P
   Solid state, high reliability
NPH-8-007-D-H AMPHENOL-NPH-8-007-D-H Datasheet
111Kb / 4P
   Solid state, high reliability
More results

Similar Description - NPH-8-200-G-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
   Solid state reliability
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
   High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com