Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH-8-200-G-H Datasheet(PDF) 4 Page - Amphenol Corporation

Part # NPH-8-200-G-H
Description  Solid state, high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPH-8-200-G-H Datasheet(HTML) 4 Page - Amphenol Corporation

  NPH-8-200-G-H Datasheet HTML 1Page - Amphenol Corporation NPH-8-200-G-H Datasheet HTML 2Page - Amphenol Corporation NPH-8-200-G-H Datasheet HTML 3Page - Amphenol Corporation NPH-8-200-G-H Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AAS-920-314B-08/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
NPH Series Specifications
Ordering Information
The code number to be ordered may be specified as follows:
NPH
Code
Package Configuration
8
TO-8
Code
Pressure Range (kPa)
100
100 kPa; 15 psi (1 bar)
200
200 kPa; 30 psi (2 bar)
700
700 kPa; 100 psi (7 bar)
Code
Pressure
A
Absolute
G
Gauge
D
Differential
Code
Compensation
H
Hybrid substrate
NPH
-
____
_
____
_
____
_
____ Typical model number


Similar Part No. - NPH-8-200-G-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-002.5-A-H AMPHENOL-NPH-8-002.5-A-H Datasheet
111Kb / 4P
   Solid state, high reliability
NPH-8-002.5-D-H AMPHENOL-NPH-8-002.5-D-H Datasheet
111Kb / 4P
   Solid state, high reliability
NPH-8-002.5-G-H AMPHENOL-NPH-8-002.5-G-H Datasheet
111Kb / 4P
   Solid state, high reliability
NPH-8-007-A-H AMPHENOL-NPH-8-007-A-H Datasheet
111Kb / 4P
   Solid state, high reliability
NPH-8-007-D-H AMPHENOL-NPH-8-007-D-H Datasheet
111Kb / 4P
   Solid state, high reliability
More results

Similar Description - NPH-8-200-G-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
   Solid state reliability
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
   High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com