Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI-15A-702-A-H Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPI-15A-702-A-H
Description  Solid state, high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-15A-702-A-H Datasheet(HTML) 2 Page - Amphenol Corporation

  NPI-15A-702-A-H Datasheet HTML 1Page - Amphenol Corporation NPI-15A-702-A-H Datasheet HTML 2Page - Amphenol Corporation NPI-15A-702-A-H Datasheet HTML 3Page - Amphenol Corporation NPI-15A-702-A-H Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPI-15 Series dimensions
NPI-15SeriesSpecifications
Description
The NovaSensor NPI-15 Series incorporates state-
of-the-art IsoSensor technology, which gives the
OEM user the best in price and performance. They
are designed to operate in hostile environments and
yet give the outstanding sensitivity, linearity, and
hysteresis of a silicon sensor. The piezoresistive
sensorchipishousedinafluid-filledcylindrical
cavity and isolated from the measured media by
a stainless steel diaphragm and body. As with all
NovaSensor silicon sensors, the NPI-15 Series
employs SenStable® processing technology,
providing excellent stability
The modular design allows for a variety of pressure
port modules which are hermetically welded to the
sensor header module. Standard types A, B, H, and
J are shown to the right.
For compensation of temperature effects, a
complete resistor network is supplied on a hybrid
ceramic substrate. The IsoSensor design minimizes
temperature errors to provide a maximum offset
errors of 0.75% FSO over the 32°F to 158°F (0°C to
70°C) compensated range.
NPI-15 Series schematic diagram


Similar Part No. - NPI-15A-702-A-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-15A-1K-A-V AMPHENOL-NPI-15A-1K-A-V Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15A-1K-S-V AMPHENOL-NPI-15A-1K-S-V Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15A-3K-A-V AMPHENOL-NPI-15A-3K-A-V Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15A-3K-S-V AMPHENOL-NPI-15A-3K-S-V Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15A-500-A-V AMPHENOL-NPI-15A-500-A-V Datasheet
120Kb / 4P
   Solid state, high reliability
More results

Similar Description - NPI-15A-702-A-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
   Solid state reliability
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
   High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com