Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH-8-002.5-A-H Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPH-8-002.5-A-H
Description  Solid state, high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPH-8-002.5-A-H Datasheet(HTML) 2 Page - Amphenol Corporation

  NPH-8-002.5-A-H Datasheet HTML 1Page - Amphenol Corporation NPH-8-002.5-A-H Datasheet HTML 2Page - Amphenol Corporation NPH-8-002.5-A-H Datasheet HTML 3Page - Amphenol Corporation NPH-8-002.5-A-H Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPH Series Specifications
Description
An integrated circuit silicon sensor chip is housed
in a standard TO-8 electrical package that is printed
circuit board mountable.
The latest techniques in micromachining have been
used to ion-implant piezoresistive strain gauges into
a wheatstone bridge configuration that is integrally
formed on a micromachined silicon diaphragm.
As with all NovaSensor silicon sensors, the NPH
Series employs SenStable® processing technology,
providing excellent output stability. Constant
current excitation to the sensor produces a voltage
output that is linearly proportional to the input
pressure.
The user can provide standard signal conditioning
circuitry to amplify the 100 mV output signal. The
sensor is compatible with most non-corrosive gases
and dry air.
A laser-trimmed, thick-film resistor network on a
hybrid ceramic substrate provides temperature
compensation.
NPH Series schematic diagram
Parameter
Value
Units
Notes
General
Pressure Range
0 to 10
inH2O
(0 to 25 mbar) 0 to 2.5
kPa
0 to 1
psi
(0 to 7 bar) 0 to 7 kPa
0 to 5
psi
(0 to 0.34 bar) 0 to 30
kPa
Maximum Pressure
5x
rated pressure (10)
Electrical @ 77°F (25°C) Unless Otherwise Stated
Input Excitation
1.5
mA
2 mA maximum
Insulation Resistance
100
M
@ 50 VDC
Input Impedance
3200
±25%
Output Impedance
5000
±20%
Bridge Impedance
5000
±20%
Environmental
Temperature Range
Operating(9)
–40 to 257 °F
(-40°C to 125°C)
Compensated
32 to 158
°F
(0°C to 70°C)
Vibration
10
gRMS
20 to 2000Hz
Shock
100
g
11 milliseconds
Life (Dynamic Pressure
Cycle)
1 x 106
cycles
Mechanical (1)
Weight
<0.2
oz
(<5 g)
Media Compatibility
Non-corrosive gases and clean, dry air
Wetted Materials
Top Port
Bottom Port
Nickel, gold plated Kovar, silicone gel, gold
wire, RTV, silicon and glass.
Gold plated Kovar, silicon, glass and RTV (9)
1. Performance with offset, thermal accuracy of offset, and thermal accuracy of FSO
compensation resistors.
2. FSO with 1.5mA input excitation.
3. Best fit straight line.
4. 32°F to 158°F (0°C to 70°C) with reference to 77°F (25°C)
5. 32°F to 158°F (0°C to 70°C), by design
6. Normalized offset/bridge voltage —100 hrs, typical value, not tested in production.
7. All values measured at 77°F (25°C) and at 1.5 mA, unless otherwise noted.
8. Reduced performance outside compensation range.
9. Backside differential tube is nickel or Kovar.
10. Top side pressure.
11. Typical specifications are for reference only; absolute values may vary.
Parameter
Min.
Typical
2.5
kPa
Max.
Min.
Typical
7 & 30
kPa
Max.
Units
Notes
Performance Parameters(7), Compensated(1)
Offset
-8
2
8
-4
2
4
mV
Full Scale (FS) Output
2.5 kPa
25
50
90
mV
2
7 kPa
50
75
150
mV
2
30 kPa
75
100
125
mV
2
Linearity
–1.0
0.1
1.0
–0.25
0.05
0.25
%FSO
3
Hysteresis &
Repeatability
-0.2
0.05
0.2
-0.2
0.05
0.2
%FSO
Thermal
Accuracy of
Offset
-3
0.5
3
-2
0.5
2
%FSO
4
Accuracy of FSO
–3
–1
3
-1.5
-0.5
1.5
%FSO
4
Thermal
Hysteresis
–0.75
0.5
0.75
–0.5
0.2
0.5
%FSO
5
Short-Term
Stability of Offset
5
5
µV/V
6, 11
Short-Term
Stability of FSO
5
5
µV/V
6, 11


Similar Part No. - NPH-8-002.5-A-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPH-8-100-A-H AMPHENOL-NPH-8-100-A-H Datasheet
92Kb / 4P
   Solid state, high reliability
NPH-8-100-D-H AMPHENOL-NPH-8-100-D-H Datasheet
92Kb / 4P
   Solid state, high reliability
NPH-8-100-G-H AMPHENOL-NPH-8-100-G-H Datasheet
92Kb / 4P
   Solid state, high reliability
NPH-8-200-A-H AMPHENOL-NPH-8-200-A-H Datasheet
92Kb / 4P
   Solid state, high reliability
More results

Similar Description - NPH-8-002.5-A-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
   Solid state reliability
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
   High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com