Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI19-A-005 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # NPI19-A-005
Description  Solid state, high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI19-A-005 Datasheet(HTML) 1 Page - Amphenol Corporation

  NPI19-A-005 Datasheet HTML 1Page - Amphenol Corporation NPI19-A-005 Datasheet HTML 2Page - Amphenol Corporation NPI19-A-005 Datasheet HTML 3Page - Amphenol Corporation NPI19-A-005 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPI-19 Series
NovaSensor Low
Pressure Sensors
Features
• Solid state, high reliability
• 316L stainless steel, ISO sensor design
• ±0.5% static accuracy
• Temperature compensated 32°F to 158°F (0°C to
70°C)
• 125 mV typical FSO on current version
• 75 ±1 mV FSO on voltage version
• Thermal errors less than 2% FSO
• Two standard ranges:
0 to 2.5 psig (0 to 172 mBar)
0 to 5 psig (0 to 345 mBar)
• Standard configurations include:
0.74 in (19 mm) diameter x 0.28 in (7.1 mm) long
cylinder with o-ring seals
• Custom configurations and other pressure
ranges available. Please consult the factory.
Applications
• Process control systems
• Hydraulic systems and valves
• Biomedical instruments
• Refrigeration and HVAC controls
• Appliances and consumer electronics
• Ship and marine systems
• Aircraft and avionic systems
NPI media isolated sensors are designed to
operate in hostile environments and yet give the
outstanding sensitivity, linearity, and hysteresis
of a silicon sensor. The piezoresistive sensor chip
is housed in a fluid-filled cylindrical cavity and
isolated from measured media by a stainless steel
diaphragm and body. The NPI Series employs
SenStable® processing technology, providing
excellent output stability. It is available in either a
constant current or constant voltage version.
The modular design allows for a variety of
pressure port modules, which are hermetically
welded to the sensor header module. There are
other standard port styles available. Please consult
NovaSensor for more details.
Amphenol
Advanced Sensors


Similar Part No. - NPI19-A-005

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI104C NIC-NPI104C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI104C100MTRF NIC-NPI104C100MTRF Datasheet
241Kb / 9P
   NPI Power Inductors
NPI104C100MTRF NIC-NPI104C100MTRF Datasheet
301Kb / 9P
   NPI Power Inductors
NPI104C101KTRF NIC-NPI104C101KTRF Datasheet
241Kb / 9P
   NPI Power Inductors
NPI104C101KTRF NIC-NPI104C101KTRF Datasheet
301Kb / 9P
   NPI Power Inductors
More results

Similar Description - NPI19-A-005

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
   Solid state reliability
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
   High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com