Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK404-140 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK404-140
Description  1 CH AB AUDIO POWER IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-140 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK404-140 Datasheet HTML 1Page - Sanyo Semicon Device STK404-140 Datasheet HTML 2Page - Sanyo Semicon Device STK404-140 Datasheet HTML 3Page - Sanyo Semicon Device STK404-140 Datasheet HTML 4Page - Sanyo Semicon Device STK404-140 Datasheet HTML 5Page - Sanyo Semicon Device STK404-140 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image



 
©ª« kl¬ jMNOBC


      
 
!"#$%#&
'
'
'
'
'
'
'
 
!"%#&
'
'
'
'
'
'
'
()*+*,
!Ω&
-.
-.
-.
-.
-.
-.
-.
/0*+*,
!Ω&
-.
-.
-.
-.
-.
-.
-.
12

3456789:
;<

==>==>==


a­x|Z®

?@
AB
CDE
FGHI
JK@L()*+*,
.MM=NO!&

-
.
PK@L()*+*,
.MM=NO!&
QRSΩ
-
.
34TUV()*,
.W
WHG X

.
34TUV()*Y
W
WHG X

=Z
4[\
θ]^
_`ab cdefg
 h'
ijklm
]=NO

h
noL M pqlm
^=NO
]=NO r ^=NO stu
vwxyzr

h
noL34TUVlm{ W=NO


h
5|}~lm
I€

$‚
h
ƒ„…†‡ˆLX{
I
.MMS-.‰QRSΩ
ŠS#‰‹ŒS'



a¯x|Z®°ˆ‰xΩ_±²³…†e°ˆ´xΩ°µ¶xv·q
CAB{
ŽDE
 
?@
.MM!.& Š!#& ‹Œ!'& !"&

=HG
I‘W
=NO
FGHI
‹Œ!& - 






 * 
‹Œ!& -
%






'
}’“”•
ŠR‰Š -



‚–—
$%
#
 bH
-
%






%Ω
 ˜™*,{
.Œ
-



Q€S%Ω


 =.b=
JK@L*Y
MMŒ
-



Jƒ„L



=Z
š›*,
.
-





 ‚
=.
 QW
WSh‰WHG X



Ω

W
QWS%Ω‰WHG X



h



Similar Part No. - STK404-140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results

Similar Description - STK404-140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-950 SANYO-STK402-950 Datasheet
578Kb / 6P
   5CH AB AUDIO POWER IC 30W X 5 CH
STK402-940 SANYO-STK402-940 Datasheet
576Kb / 6P
   5CH AB AUDIO POWER IC 25W X 5 CH
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com