Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IEC60068-2-3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # IEC60068-2-3
Description  BULKHEAD JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

IEC60068-2-3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  IEC60068-2-3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG IEC60068-2-3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
1.6/5.6
III. Generation
BULKHEAD JACK
88K505-1V2L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
75
Frequency
DC to 12 GHz
Return loss
 33 dB, DC to 0.1 GHz
 27 dB, 0.1 to 0.5 GHz
 20 dB, 0.5 to 4 GHz
Insertion loss
 0.1 dB, DC to 4 GHz
Insulation resistance
 10x103 M
Center contact resistance
 4 m
Outer contact resistance
 2 m
Test voltage
1000 V rms
Working voltage
330 V rms
RF-leakage
 90 dB up to 1 GHz (slide-on)
 100 dB up to 1 GHz (screw version)
- Limitations are possible due to the used cable type –
Mechanical data
Mating cycles
 500
Engaging and disengaging force
2.2 N to 12 N (screw-on, slide-on)
18 N to 50 N (quick-lock)
Center contact captivation
 30 N
Torque nut for panel mounting
 1 Nm
Coupling mechanism retention force
 300 N (screw version, quick-lock)
Environmental data
Temperature range
-40°C to +85°C
Climatic class
IEC 60068-2-1 40/85/21
IEC 60068-2-2
IEC 60068-2-3
Vibration
IEC 60068-2-6
10 Hz to 2000 Hz, 100m/s²
RoHS
compliant
Tooling
Crimping tool
11W150-000
Crimp insert
11W150-550
Suitable cables
02YS(St)CY 0.45/2.0, 02YS(St)CH 0.45/2.0
Weight
Weight
8.3 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
A. König
11/07/07
Sa. Krautenbacher
24.03.14
b00
14-0352
T. Krojer
24.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - IEC60068-2-3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
42Kb / 2P
   Adaptor SCREW ON 1.6/5.6 III PLUG ??BNC 75 ??PLUG
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
40Kb / 2P
   ADAPTOR, SCREW ON 1.6/5.6 III PLUG ??BNC 75 JACK
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
40Kb / 2P
   STRAIGHT PLUG
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
More results

Similar Description - IEC60068-2-3

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
KD-19-61 WINCHESTER-KD-19-61 Datasheet
45Kb / 1P
   BULKHEAD JACK
KD-19-73 WINCHESTER-KD-19-73 Datasheet
50Kb / 1P
   BULKHEAD JACK
logo
Rosenberger Hochfrequen...
51K611-272N5 ROSENBERGER-51K611-272N5 Datasheet
40Kb / 2P
   BULKHEAD JACK
51K611-271N5 ROSENBERGER-51K611-271N5 Datasheet
106Kb / 2P
   BULKHEAD JACK
51K507-801N5 ROSENBERGER-51K507-801N5 Datasheet
42Kb / 2P
   BULKHEAD JACK
51K607-802N5 ROSENBERGER-51K607-802N5 Datasheet
43Kb / 2P
   BULKHEAD JACK
51K607-803N5 ROSENBERGER-51K607-803N5 Datasheet
43Kb / 2P
   BULKHEAD JACK
71K611-109N5 ROSENBERGER-71K611-109N5 Datasheet
42Kb / 2P
   BULKHEAD JACK
51K507-803N5 ROSENBERGER-51K507-803N5 Datasheet
42Kb / 2P
   BULKHEAD JACK
logo
Winchester Electronics ...
SDKA-19-31 WINCHESTER-SDKA-19-31 Datasheet
129Kb / 1P
   BULKHEAD JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com