Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK1HMC6350 Datasheet(PDF) 7 Page - Analog Devices

Part # EK1HMC6350
Description  Programmable baseband gain and filter bandwidth
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EK1HMC6350 Datasheet(HTML) 7 Page - Analog Devices

Back Button EK1HMC6350 Datasheet HTML 3Page - Analog Devices EK1HMC6350 Datasheet HTML 4Page - Analog Devices EK1HMC6350 Datasheet HTML 5Page - Analog Devices EK1HMC6350 Datasheet HTML 6Page - Analog Devices EK1HMC6350 Datasheet HTML 7Page - Analog Devices EK1HMC6350 Datasheet HTML 8Page - Analog Devices EK1HMC6350 Datasheet HTML 9Page - Analog Devices EK1HMC6350 Datasheet HTML 10Page - Analog Devices EK1HMC6350 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
HMC6301
Rev. A | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GROUND
AREA
HMC6301
TOP VIEW
(BALL SIDE DOWN)
A
B
C
D
E
F
G
H
1
2
345
6
7
8
9
10
11
12
CLK
SCANOUT
VOUT_QM
VOUT_QP
VCCBUF
VOUT_IM
VOUT_IP
RESET
VCCDIV
VCCDIV
VCCDIV
VCCDIV
ENABLE
DATA
GND
GND
VDDD
GND
GND
EXTFIL_P
EXTFIL_N
VCCDIV
VCCDIV
VCCDIV
GND
VSSDIV
VSSDIV
VSSDIV
VSSDIV
GND
VSSLPF
VSSLPF
VSSLPF
VSSLPF
RFIN
VSSCP
VSSCP
REFCLKP
GND
VDDSYN
VSSREF
VSSREF
REFCLKN
ANACTRLLNA
GND
VCCMIX
GND
VCCTRIP
VREGOUT
VSSVCO
VSSVCO
VCCVCO
VCCVCO
VCORCAP
VDDSYN
GND
VCCLNA
VCCIF
ACTLIFVGA
GND
VSSVCO
EXTLO_N
EXTLO_P
VSSVCO
VSSVCO
VSSVCO
VSSVCO
Figure 2. Pin Configuration Diagram
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
CLK
Serial Digital Interface Clock (1.2 V CMOS).
A2
SCANOUT
Serial Digital Interface Out (1.2 V CMOS).
A3
VOUT_QM
Quadrature Negative Baseband Input. This pin is dc-coupled and matched to 50 Ω.
A4
VOUT_QP
Quadrature Positive Baseband Input. This pin is dc-coupled and matched to 50 Ω.
A5
VCCBUF
Power Supply for the Buffer (2.7 V dc).
A6
VOUT_IM
In-Phase Negative Baseband Input. This pin is dc-coupled and matched to 50 Ω.
A7
VOUT_IP
In-Phase Positive Baseband Input. This pin is dc-coupled and matched to 50 Ω.
A8
RESET
Serial Digital Interface Reset (1.2 V CMOS).
A9 to A12, B10 to B12
VCCDIV
Power Supply for the Divider (2.7 V dc).
B1
ENABLE
Serial Digital Interface Enable (1.2 V CMOS).
B2
DATA
Serial Digital Interface Data (1.2 V CMOS).
B3, B4, B6, B7, C1, D1, F1,
G2, G4, H1, H5
GND
Analog Ground Connect.
B5
VDDD
Power Supply for the Digital Circuits (1.3 V dc).
B8
EXTFIL_P
External PLL Loop Filter (Positive).
B9
EXTFIL_N
External PLL Loop Filter (Negative).


Similar Part No. - EK1HMC6350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EK1HMC6350 AD-EK1HMC6350 Datasheet
740Kb / 26P
   Output power for 1 dB compression
More results

Similar Description - EK1HMC6350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0248 AD-CN-0248 Datasheet
199Kb / 6P
   An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
ADRF6518 AD-ADRF6518_17 Datasheet
1Mb / 39P
   1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
logo
Maxim Integrated Produc...
MAX2121B MAXIM-MAX2121B Datasheet
738Kb / 20P
   L-Band Tuner with Programmable Baseband Filter
Rev 1; 9/16
logo
Linear Technology
LTC5535 LINER-LTC5535 Datasheet
237Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5535 LINER-LTC5535_15 Datasheet
243Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
logo
Mixed Signal Integratio...
MSFB1-6G MSI-MSFB1-6G Datasheet
111Kb / 4P
   Bandwidth/Gain Selectable Bandpass Filter
logo
Texas Instruments
PGA308 TI1-PGA308_16 Datasheet
1Mb / 30P
[Old version datasheet]   Programmable Gain and Offset
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
   Gain bandwidth product
logo
Analog Devices
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com