Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC753 Datasheet(PDF) 14 Page - Analog Devices

Part No. HMC753
Description  Point to point radios
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC753 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC753 Datasheet HTML 6Page - Analog Devices HMC753 Datasheet HTML 7Page - Analog Devices HMC753 Datasheet HTML 8Page - Analog Devices HMC753 Datasheet HTML 9Page - Analog Devices HMC753 Datasheet HTML 10Page - Analog Devices HMC753 Datasheet HTML 11Page - Analog Devices HMC753 Datasheet HTML 12Page - Analog Devices HMC753 Datasheet HTML 13Page - Analog Devices HMC753 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Data Sheet
HMC753
Rev. D | Page 13 of 13
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
SEATING
PLANE
0.95
0.85
0.75
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.31
0.25
0.19
PIN 1
INDICATOR
0.25 MIN
2.85
2.70 SQ
2.55
EXPOSED
PAD
Figure 23. 24-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(HCP-24-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Package Description
Package Option
Package Marking1
HMC753LP4E
24-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
HCP-24-3
XXXX
753
HMC753LP4ETR
24-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
HCP-24-3
XXXX
753
122826-HMC753LP4E
Evaluation Board
1
XXXX is the 4 digit lot number.
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13494-0-9/15(D)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn