Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC753 Datasheet(PDF) 13 Page - Analog Devices

Part No. HMC753
Description  Point to point radios
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC753 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC753 Datasheet HTML 6Page - Analog Devices HMC753 Datasheet HTML 7Page - Analog Devices HMC753 Datasheet HTML 8Page - Analog Devices HMC753 Datasheet HTML 9Page - Analog Devices HMC753 Datasheet HTML 10Page - Analog Devices HMC753 Datasheet HTML 11Page - Analog Devices HMC753 Datasheet HTML 12Page - Analog Devices HMC753 Datasheet HTML 13Page - Analog Devices HMC753 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HMC753
Data Sheet
Rev. D | Page 12 of 13
Table 5. List of Materials for Evaluation PCB
122826-HMC753LP4E1
Item
Description
J5, J6
SMA connectors
J1 to J4
DC pins
C1 to C3
100 pF capacitors, 0402 package
C4 to C6
10,000 pF capacitors, 0603 package
C7 to C9
4.7 µF capacitors, tantalum
U1
HMC753 amplifier
PCB2
122824-2 evaluation PCB
1
Reference this number when ordering the complete evaluation PCB.
2
Circuit board material: Rogers 4350 or Arlon 25FR.
It is recommended that the circuit board used in this application
use RF circuit design techniques. It is also recommended that
signal lines have a 50 Ω impedance, and the package ground
leads and exposed pad be connected directly to the ground
plane, as shown in Figure 22. Use a sufficient number of via
holes to connect the top and bottom ground planes. Mount the
evaluation board to an appropriate heat sink. The evaluation
circuit board shown is available from Analog Devices, Inc.,
upon request.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn