Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC753 Datasheet(PDF) 9 Page - Analog Devices

Part No. HMC753
Description  Point to point radios
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC753 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC753 Datasheet HTML 5Page - Analog Devices HMC753 Datasheet HTML 6Page - Analog Devices HMC753 Datasheet HTML 7Page - Analog Devices HMC753 Datasheet HTML 8Page - Analog Devices HMC753 Datasheet HTML 9Page - Analog Devices HMC753 Datasheet HTML 10Page - Analog Devices HMC753 Datasheet HTML 11Page - Analog Devices HMC753 Datasheet HTML 12Page - Analog Devices HMC753 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HMC753
Data Sheet
Rev. D | Page 8 of 13
25
0
5
10
15
20
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 14. P1dB vs. Frequency for Various Temperatures (Board Loss
Subtracted out for Gain, Power, and Noise Figure Measurements)
0
–60
–50
–30
–10
–40
–20
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 15. Reverse Isolation vs. Frequency for Various Temperatures
24
4
8
12
16
20
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 16. PSAT vs. Frequency for Various Temperatures (Board Loss
Subtracted out for Gain, Power, and Noise Figure Measurements)
24
–4
0
4
12
20
8
16
–20
–15
–10
–5
0
5
INPUT POWER (dBm)
POUT
GAIN
PAE
Figure 17. Power Compression at 6 GHz (Board Loss Subtracted out for Gain,
Power, and Noise Figure Measurements)
22
8
10
12
16
20
14
18
4.5
5.0
5.5
VDD (V)
P1dB
GAIN
NOISE FIGURE
7
5
6
4
3
2
1
0
Figure 18. Gain, Noise Figure, and Power vs. Supply Voltage (VDD) at 6 GHz
(Board Loss Subtracted out for Gain, P1dB, and Noise Figure Measurements)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn