Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC753 Datasheet(PDF) 8 Page - Analog Devices

Part No. HMC753
Description  Point to point radios
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC753 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC753 Datasheet HTML 4Page - Analog Devices HMC753 Datasheet HTML 5Page - Analog Devices HMC753 Datasheet HTML 6Page - Analog Devices HMC753 Datasheet HTML 7Page - Analog Devices HMC753 Datasheet HTML 8Page - Analog Devices HMC753 Datasheet HTML 9Page - Analog Devices HMC753 Datasheet HTML 10Page - Analog Devices HMC753 Datasheet HTML 11Page - Analog Devices HMC753 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
HMC753
Rev. D | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
25
15
–5
5
–15
–25
0
2
4
6
8
10
12
14
FREQUENCY (GHz)
S11
S21
S22
Figure 8. Broadband Gain and Return Loss (Board Loss Subtracted out for
Gain, Power, and Noise Figure Measurements)
0
–25
–20
–15
–10
–5
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 9. Input Return Loss vs. Frequency for Various Temperatures
10
0
2
4
6
8
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 10. Noise Figure vs. Frequency for Various Temperatures (Board Loss
Subtracted out for Gain, Power, and Noise Figure Measurements)
18
8
10
12
14
16
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 11. Gain vs. Frequency for Various Temperatures (Board Loss
Subtracted out for Gain, Power, and Noise Figure Measurements)
0
–25
–20
–15
–10
–5
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 12. Output Return Loss vs. Frequency for Various Temperatures
35
5
10
20
30
15
25
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 13. Output IP3 vs. Frequency for Various Temperatures


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn