Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC753 Datasheet(PDF) 4 Page - Analog Devices

Part No. HMC753
Description  Point to point radios
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC753 Datasheet(HTML) 4 Page - Analog Devices

  HMC753 Datasheet HTML 1Page - Analog Devices HMC753 Datasheet HTML 2Page - Analog Devices HMC753 Datasheet HTML 3Page - Analog Devices HMC753 Datasheet HTML 4Page - Analog Devices HMC753 Datasheet HTML 5Page - Analog Devices HMC753 Datasheet HTML 6Page - Analog Devices HMC753 Datasheet HTML 7Page - Analog Devices HMC753 Datasheet HTML 8Page - Analog Devices HMC753 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
HMC753
Rev. D | Page 3 of 13
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
TA = 25°C, VDD = 5 V, IDD = 55 mA.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
1
6
GHz
PERFORMANCE
Gain
14
16.5
dB
Gain Variation over Temperature
0.004
dB/°C
Noise Figure
1.5
2
dB
Input Return Loss
11
dB
Output Return Loss
18
dB
Output Power for 1 dB Compression (P1dB)
18
dBm
Saturated Output Power (PSAT)
20
dBm
Output Third Order Intercept (IP3)
30
dBm
POWER SUPPLY
Supply Current (IDD)
55
mA
VDD = 5 V, set VGG2 = 1.5 V, VGG1 = −0.8 V typical
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
6
11
GHz
PERFORMANCE
Gain
10
14
dB
Gain Variation over Temperature
0.008
dB/°C
Noise Figure
2
2.7
dB
Input Return Loss
8
dB
Output Return Loss
12
dB
Output Power for 1 dB Compression (P1dB)
15
dBm
Saturated Output Power (PSAT)
17
dBm
Output Third Order Intercept (IP3)
28
dBm
POWER SUPPLY
Supply Current (IDD)
55
mA
VDD = 5 V, set VGG2 = 1.5 V, VGG1 = −0.8 V typical


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn