Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1B2CCI Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # F1B2CCI
Description  10.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

F1B2CCI Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  F1B2CCI Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. F1B2CCI Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
6
4
2
8
1
5
50
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
20
40
60
80
100
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
F1B2CCI
F1B4CCI
F1B6CCI
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.04/2014
®
F1B2CCI thru F1B6CCI


Similar Part No. - F1B2CCI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
F1B2CCI KEC-F1B2CCI Datasheet
246Kb / 2P
   STACK SILICON DIFFUSED DIODE (HIGH SPEED RECTIFIER)
F1B2CCI KEC-F1B2CCI Datasheet
30Kb / 1P
   TO-220IS PACKAGE
F1B2CCI KEC-F1B2CCI Datasheet
450Kb / 2P
   STACK SILICON DIFFUSED DIODE
F1B2CCI KEC-F1B2CCI_00 Datasheet
30Kb / 1P
   TO-220IS PACKAGE
F1B2CCI KEC-F1B2CCI_07 Datasheet
450Kb / 2P
   STACK SILICON DIFFUSED DIODE
More results

Similar Description - F1B2CCI

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FR10C03CF THINKISEMI-FR10C03CF Datasheet
283Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
FRF1020C THINKISEMI-FRF1020C Datasheet
284Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
URF1020C THINKISEMI-URF1020C Datasheet
289Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
10F20HF3 THINKISEMI-10F20HF3 Datasheet
270Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
SDURF1020CT THINKISEMI-SDURF1020CT_V01 Datasheet
270Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
R10U02DF THINKISEMI-R10U02DF Datasheet
275Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.12T
MUR1020FCT THINKISEMI-MUR1020FCT_V01 Datasheet
286Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MURF1020CT THINKISEMI-MURF1020CT Datasheet
389Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
SFF10L04G THINKISEMI-SFF10L04G Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
MUR1080FCT THINKISEMI-MUR1080FCT Datasheet
362Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com