Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX493 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SX493
Description  Photomicrosensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX493 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SX493 Datasheet HTML 1Page - List of Unclassifed Manufacturers SX493 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Internal Circuit
Dimensions
Tolerance
3 mm max.
±0.125
3
t mm v 6
±0.150
6
t mm v 10
±0.180
10
t mm v 18
±0.215
18
t mm v 30
±0.260
Unless otherwise specified, the
tolerances are as shown below.
Terminal No.
Name
A
Anode
K
Cathode
V
Power supply
(Vcc)
O
Output (OUT)
G
Ground (GND)
K
A
V
G
O
Cross section AA
Cross section BB
Five, 0.5
Five, 0.25
Two, 1
0
–0.2
dia.
6
0.2
7
±0.1
0.75
±0.1
6.9
±0.5
6.5
±0.05
(1.25)
(1.25)
9.5
(Tip dimension)
Pull-off
taper:
1/25
max.
168
Photomicrosensor
(Transmissive)
EE-SX493
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
Features
Incorporates an IC chip with a built-in detector element and
amplifier.
Incorporates a detector element with a built-in temperature
compensation circuit.
A wide supply voltage range: 4.5 to 16 VDC
Directly connects with C-MOS and TTL.
Allows highly precise sensing with a 0.2-mm-wide sensing
aperture.
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Rated
value
Emitter
Forward current
IF
50 mA
(see note 1)
Reverse voltage
VR
4 V
Detector
Power supply voltage
VCC
16 V
Output voltage
VOUT
28 V
Output current
IOUT
16 mA
Permissible output
dissipation
POUT
250 mW
(see note 1)
Ambient
temperature
Operating
Topr
–40
°C to
60
°C
Storage
Tstg
–40
°C to
85
°C
Soldering temperature
Tsol
260
°C
(see note 2)
Note:
1. Refer to the temperature rating chart if the ambient
temperature exceeds 25
°C.
2. Complete soldering within 10 seconds.
Electrical and Optical Characteristics (Ta = 25
°C)
Item
Symbol
Value
Condition
Emitter
Forward voltage
VF
1.2 V typ., 1.5 V max.
IF = 20 mA
Reverse current
IR
0.01
µA typ., 10 µA max.
VR = 4 V
Peak emission
wavelength
λP
940 nm typ.
IF = 20 mA
Detector
Low-level output
voltage
VOL
0.12 V typ., 0.4 V max.
Vcc = 4.5 to 16 V, IOL = 16 mA, IF = 15 mA
High-level output
voltage
VOH
15 V min.
Vcc = 16 V, RL = 1 kΩ, IF = 0 mA
Current consumption
ICC
5 mA typ., 10 mA max.
Vcc = 16 V
Peak spectral
sensitivity wavelength
λP
870 nm typ.
VCC = 4.5 to 16 V
LED current when output is OFF
IFT
10 mA typ., 15 mA max.
VCC = 4.5 to 16 V
LED current when output is ON
Hysteresis
nH
15% typ.
VCC = 4.5 to 16 V (see note 1)
Response frequency
f
3 kHz min.
VCC = 4.5 to 16 V, IF = 15 mA, IOL = 16 mA
(see note 2)
Response delay time
tPLH (tPHL)
3
µs typ.
VCC = 4.5 to 16 V, IF = 15 mA, IOL = 16 mA
(see note 3)
Response delay time
tPHL (tPLH)
20
µs typ.
VCC = 4.5 to 16 V, IF = 15 mA, IOL = 16 mA
(see note 3)


Similar Part No. - SX493

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SX400 CANDD-SX400 Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
128Kb / 4P
   AC/DC POWER SUPPLY
SX400-U1A CANDD-SX400-U1A Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
SX400-U1B CANDD-SX400-U1B Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
SX400-U1C CANDD-SX400-U1C Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
More results

Similar Description - SX493

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
List of Unclassifed Man...
EE-SPY415 ETC1-EE-SPY415 Datasheet
214Kb / 3P
   Photomicrosensor
logo
Omron Electronics LLC
EE-SA401-P2 OMRON-EE-SA401-P2 Datasheet
129Kb / 3P
   Photomicrosensor
logo
List of Unclassifed Man...
EE-SX1103 ETC-EE-SX1103 Datasheet
224Kb / 2P
   Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SX1035 OMRON-EE-SX1035 Datasheet
645Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1096 OMRON-EE-SX1096 Datasheet
660Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX4235A-P2 OMRON-EE-SX4235A-P2 Datasheet
547Kb / 4P
   Photomicrosensor (Transmissive)
EE-SH3 OMRON-EE-SH3_1 Datasheet
263Kb / 4P
   Photomicrosensor (Transmissive)
EE-SJ3 OMRON-EE-SJ3 Datasheet
249Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1057 OMRON-EE-SX1057 Datasheet
230Kb / 4P
   Photomicrosensor (Transmissive)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com