Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G53DCUT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G53DCUT
Description  SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G53DCUT Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G53DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G53DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN74LVC2G53
SINGLEPOLE DOUBLETHROW (SPDT) ANALOG SWITCH OR
2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCES324K − JULY 2001 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
analog switch characteristics, TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
TYP
UNIT
1.65 V
35
CL = 50 pF, RL = 600 Ω,
fin = sine wave
2.3 V
120
LL
fin = sine wave
(see Figure 6)
3 V
190
Frequency response†
COM or Y
Y or COM
(see Figure 6)
4.5 V
215
MHz
Frequency response†
(switch on)
COM or Y
Y or COM
1.65 V
>300
MHz
(switch on)
CL = 5 pF, RL = 50 Ω,
fin = sine wave
2.3 V
>300
LL
fin = sine wave
(see Figure 6)
3 V
>300
(see Figure 6)
4.5 V
>300
1.65 V
−58
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
2.3 V
−58
LL
fin = 1 MHz (sine wave)
(see Figure 7)
3 V
−58
Crosstalk‡
COM or Y
Y or COM
(see Figure 7)
4.5 V
−58
dB
Crosstalk‡
(between switches)
COM or Y
Y or COM
1.65 V
−42
dB
(between switches)
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
2.3 V
−42
LL
fin = 1 MHz (sine wave)
(see Figure 7)
3 V
−42
(see Figure 7)
4.5 V
−42
1.65 V
35
Crosstalk
INH
COM or Y
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (square wave)
2.3 V
50
mV
Crosstalk
(control input to signal output)
INH
COM or Y
LL
fin = 1 MHz (square wave)
(see Figure 8)
3 V
70
mV
(control input to signal output)
(see Figure 8)
4.5 V
100
1.65 V
−60
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
2.3 V
−60
LL
fin = 1 MHz (sine wave)
(see Figure 9)
3 V
−60
Feed-through attenuation‡
COM or Y
Y or COM
(see Figure 9)
4.5 V
−60
dB
Feed-through attenuation‡
(switch off)
COM or Y
Y or COM
1.65 V
−50
dB
(switch off)
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
2.3 V
−50
LL
fin = 1 MHz (sine wave)
(see Figure 9)
3 V
−50
(see Figure 9)
4.5 V
−50
C = 50 pF, R = 10 k ,
1.65 V
0.1
CL = 50 pF, RL = 10 kΩ,
fin = 1 kHz (sine wave)
2.3 V
0.025
LL
fin = 1 kHz (sine wave)
(see Figure 10)
3 V
0.015
Sine-wave distortion
COM or Y
Y or COM
(see Figure 10)
4.5 V
0.01
%
Sine-wave distortion
COM or Y
Y or COM
C = 50 pF, R = 10 k ,
1.65 V
0.15
%
CL = 50 pF, RL = 10 kΩ,
fin = 10 kHz (sine wave)
2.3 V
0.025
LL
fin = 10 kHz (sine wave)
(see Figure 10)
3 V
0.015
(see Figure 10)
4.5 V
0.01
† Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads −3 dB.
‡ Adjust fin voltage to obtain 0 dBm at input.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
9
10
10
12
pF


Similar Part No. - SN74LVC2G53DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G53DCUT TI1-SN74LVC2G53DCUT Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53DCUT TI1-SN74LVC2G53DCUT Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53DCUT TI1-SN74LVC2G53DCUT Datasheet
820Kb / 33P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
JANUARY 2019
SN74LVC2G53DCUTE4 TI1-SN74LVC2G53DCUTE4 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53DCUTG4 TI1-SN74LVC2G53DCUTG4 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
More results

Similar Description - SN74LVC2G53DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G53 TI-SN74AUC2G53_09 Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_15 Datasheet
873Kb / 22P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53 Datasheet
335Kb / 18P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_07 Datasheet
507Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com