Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6117 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6117
Description  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6117 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6117 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6117 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6117 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6117 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-6117 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Direct mount, solderless
Features
Status: Released
Drawing: H. Hansen
Scale: -
Rev: B
Date: 8/3/04
File: S G-BGA -6117 Dwg
SG-BGA-6117 Drawing
© 2004 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
5
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Ball guide prevents over compression of elastomer
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Customer's Target PCB
Top View
(without fan)
Side View
(Section AA)
3
6
Modified: 04/13/06, RP
PAGE 1 of 5
Socket ba se screw: Socket hea d cap , allo y steel with
bla ck o xid e finish, 0- 80 fin e thre ad , 1/2" long .
1
Ela stomer Guid e: Cirlex o r e quiva lent.
Thickn ess = 0.75mm.
Ela stomer: 4 0 micron dia go ld plated brass
filaments ar ranged symmetrically in a silicone
rub ber (63.5 degre e a ngle).
Thickn ess = 0.75mm.
Socket ba se : Black a nodized 606 1 A luminum.
Thickn ess = 6.5mm.
Bal l Gu ide: K apton polyimide.
Socket lid screw: Socket hea d cap , allo y steel with
bla ck o xid e finish, 0- 80 fin e thre ad , 3/8" long .
2
3
4
5
7
9
6
8
Backing Plate: S ta inless Steel
Thickn ess = 4.35mm.
2
9
Insulation Plate: FR4/G10, 1.5 9mm thick.
Heat S ink Lid : Alumin um
1
8
4
10
10
Fan: 4 5mmx45 mmx10mm, 12 V, 13 CFM
45.225mm
30.25mm Assembled
5.94mm
45.225mm
A
A
Recommended Torque 0.38in-lb
(6 in-oz) per screw


Similar Part No. - SG-BGA-6117

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6110 IRONWOOD-SG-BGA-6110 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6111 IRONWOOD-SG-BGA-6111 Datasheet
113Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6112 IRONWOOD-SG-BGA-6112 Datasheet
73Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
SG-BGA-6114 IRONWOOD-SG-BGA-6114 Datasheet
67Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6117

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com