Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G18YEPR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC1G18YEPR
Description  1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G18YEPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1G18YEPR Datasheet HTML 4Page - Texas Instruments SN74LVC1G18YEPR Datasheet HTML 5Page - Texas Instruments SN74LVC1G18YEPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G18YEPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G18YEPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G18YEPR Datasheet HTML 9Page - Texas Instruments SN74LVC1G18YEPR Datasheet HTML 10Page - Texas Instruments SN74LVC1G18YEPR Datasheet HTML 11Page - Texas Instruments SN74LVC1G18YEPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MECHANICAL DATA
MPDS114 – FEBRUARY 2002
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DCK (R-PDSO-G6)
PLASTIC SMALL-OUTLINE PACKAGE
0,15
Gage Plane
0,10
M
0,10
0,65
0
°–8°
0,46
0,26
0,13 NOM
4093553-3/D 01/02
0,15
0,30
1,40
1,10
2,40
1,80
4
6
2,15
1,85
1
3
1,10
0,80
0,10
0,00
Seating Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-203


Similar Part No. - SN74LVC1G18YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G18YZPR TI-SN74LVC1G18YZPR Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18YZPR TI1-SN74LVC1G18YZPR Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
More results

Similar Description - SN74LVC1G18YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
74AUP1G18 NXP-74AUP1G18 Datasheet
104Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
74AUP1G18 NEXPERIA-74AUP1G18 Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com