Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6137 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-6137
Description  Ball guide prevents over compression of elastomer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6137 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-6137 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6137 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6137 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6137 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-6137 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE 2 of 5
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 2.4mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
NOTE: Steel backing plate may be required based on end user's application
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Status: Released
Drawing: H. Hansen
Scale: 2:1
Rev: A
Date: 12/2/04
File: S G-BGA -6137 Dwg
SG-BGA-6137 Drawing
© 2004 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Modified:
1.25mm±0.13mm(x4)
1.25mm±0.13mm(x4)
45.225mm±0.125mm(x4)
5.08mm
21.363mm(x8)
1mm typ.
2.54mm
Ø 1.61mm±0.05mm(x8)
Ø 0.85mm±0.025mm(x2)
4.24mm*
Socket size
47.725mm sqr.
2.5mm±0.13mm
2.5mm±0.13mm
3.86mm
Backing plate size
Orientation Mark
Non plated mounting hole
Non plated alignment hole
Ø 0.51mm PAD


Similar Part No. - SG-BGA-6137

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6130 IRONWOOD-SG-BGA-6130 Datasheet
221Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6131 IRONWOOD-SG-BGA-6131 Datasheet
153Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6132 IRONWOOD-SG-BGA-6132 Datasheet
152Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6133 IRONWOOD-SG-BGA-6133 Datasheet
56Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6134 IRONWOOD-SG-BGA-6134 Datasheet
42Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6137

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com