Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5750-2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5750-2
Description  Industrial Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750-2 Datasheet(HTML) 4 Page - Analog Devices

  AD5750-2 Datasheet HTML 1Page - Analog Devices AD5750-2 Datasheet HTML 2Page - Analog Devices AD5750-2 Datasheet HTML 3Page - Analog Devices AD5750-2 Datasheet HTML 4Page - Analog Devices AD5750-2 Datasheet HTML 5Page - Analog Devices AD5750-2 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CN-0229
Circuit Note
Rev. 0 | Page 4 of 6
Table 1. Test Results for All Output Ranges
Range
Current Sense Resistor
INL (LSB)
Linearity (%FSR)
Output Error (%FSR)
0 V to +5 V
Don't care
1.3
0.002
0.01
0 V to +10 V
Don't care
1.1
0.002
0.02
−5 V to +5 V
Don't care
1.4
0.002
0.02
−10 V to +10 V
Don't care
1.2
0.002
0.02
0 V to +6 V
Don't care
1.9
0.003
0.02
0 V to +12 V
Don't care
1.4
0.002
0.05
−6 V to +6 V
Don't care
1.3
0.002
0.03
−12 V to +12 V
Don't care
1.7
0.003
0.05
−2.5 V to +2.5 V
Don't care
1.3
0.002
0.03
+4 mA to +20 mA
Internal
5.3
0.008
0.07
0 mA to +20 mA
Internal
4.2
0.006
0.06
0 mA to +24 mA
Internal
2.9
0.004
0.05
−20 mA to +20 mA
Internal
5.4
0.008
0.02
−24 mA to +24 mA
Internal
3.9
0.006
0.02
+4 mA to +20mA
External
2.0
0.003
0.04
0 mA to +20mA
External
1.7
0.003
0.04
0 mA to +24mA
External
1.6
0.002
0.04
−20 mA to +20 mA
External
3.7
0.006
0.03
−24 mA to +24 mA
External
4.4
0.007
0.03
+3.92 mA to +20.4 mA
Internal
1.7
0.014
0.11
0 mA to +20.4 mA
Internal
2.9
0.006
1.86
0 mA to +24.5 mA
Internal
2.5
0.005
0.30
The test results shown in Table 1 were made at 25°C for the first
channel of the EVAL-CN0229-SDPZ board powered by an
Agilent E3631A dc supply and measured with the Agilent 34401A
digital multimeter.
Note that the output ranges 3.92 mA to 20.4 mA, 0 mA to 20.4 mA,
and 0 mA to 24.5 mA are all designed to be trimmed by the
customer to precisely match the 4 mA to 20 mA, 0 mA to 20 mA,
and 0 mA to 24 mA ranges. The 1.86% FSR output error
measurement in the 0 mA to 20.4 mA range includes the gain
error, which is easily removed by customer calibration.
There is a lower dead band about 10 mV referenced to GND. All
the linearity test results were calculated using a reduced code
range of 256 to 65,535. For 3.92 mA to 20.4 mA, 0 mA to 20.4 mA,
and 0 mA to 24.5 mA, the lower dead band is larger than other
standard ranges, and the measured code range is from 1000 to
65,535.
COMMON VARIATIONS
The AD5685R (14 bits) and the AD5684R (12 bits) are pin-
compatible with the AD5686R for applications not requiring
16-bit resolution.
For applications that require channel-to-channel isolation, single
DACs, such as the AD5660 (16 bits), the AD5640 (14 bits), and
the AD5620 (12 bits), are good choices.
For single-channel applications, see the CN-0202, CN-0203, and
CN-0204 circuit notes for more details.
For multichannel applications, the AD5623R (12-bits), AD5643R
(14-bits), and AD5663R (16-bits) are dual nanoDACs, and the
AD5624R (12-bits), AD5644R (14-bits), and AD5664R (16-bits)
are quad nanoDACs. The AD5628/ AD5648/AD5668 are octal
12-/14-/16-bit SPI voltage output denseDACs with 5 ppm/°C
on-chip references.
The AD5750 and AD5750-1 drivers are pin-compatible with the
AD5750-2. The AD5750 can accept 0 V to 4.096 V input with a
4.096 V reference. The AD5750-1 can accept a 0 V to 2.5 V input
with a 1.25 V reference. The AD5751 is a unipolar analog output
driver and can supply a 40 V output using a 50 V AVDD supply.
CIRCUIT EVALUATION AND TEST
Equipment Needed (Equivalents Can Be Substituted)
System Demonstration Platform (EVAL-SDP-CB1Z)
CN-0229 Circuit Evaluation Board (EVAL-CN0229-SDPZ)
CN-0229 Evaluation Software
Agilent 34401A 6.5 Digital Multimeter
Agilent E3631A 0 V to ~6 V/5 A ±25 V/1 A Triple Output
DC Power Supply
PC (Windows® 2000 or Windows XP) with USB interface
National Instruments GPIB to USB-B interface and cable


Similar Part No. - AD5750-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5750-2 AD-AD5750-2 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-2BCPZ AD-AD5750-2BCPZ Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-2BCPZ-RL7 AD-AD5750-2BCPZ-RL7 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
More results

Similar Description - AD5750-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
232PCLIN ETC1-232PCLIN Datasheet
113Kb / 1P
   Industrial Current Loop Converter
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500_11 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
logo
Analog Devices
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
List of Unclassifed Man...
2SD851 ETC-2SD851 Datasheet
34Kb / 1P
   Low Speed High Current Switching Industrial Use
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com