Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB123ECHZG Datasheet(PDF) 2 Page - Rohm

Part # DTB123ECHZG
Description  500mA/-50V Digital transistor (with built-in resistor)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB123ECHZG Datasheet(HTML) 2 Page - Rohm

  DTB123ECHZG Datasheet HTML 1Page - Rohm DTB123ECHZG Datasheet HTML 2Page - Rohm DTB123ECHZG Datasheet HTML 3Page - Rohm DTB123ECHZG Datasheet HTML 4Page - Rohm DTB123ECHZG Datasheet HTML 5Page - Rohm DTB123ECHZG Datasheet HTML 6Page - Rohm DTB123ECHZG Datasheet HTML 7Page - Rohm DTB123ECHZG Datasheet HTML 8Page - Rohm DTB123ECHZG Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DTB123EC HZG
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-12 to 10
V
Collector current
IC(MAX)*1
-500
mA
Power dissipation
PD*2
200
mW
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.5
V
VI(on)
VO = -0.3V, IO = -20mA
-3.0
-
-
Output voltage
VO(on)
IO = -50mA, II = -2.5mA
-
-100
-300
mV
Input current
II
VI = -5V
-
-
-3.8
mA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-500
nA
DC current gain
GI*3
VO = -5V, IO = -50mA
39
-
-
-
Input resistance
R1
-
1.54
2.2
2.86
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = -10V, IE = 50mA,
f = 100MHz
-
200
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land
*3 Pulsed
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/5
20160711 - Rev.001


Similar Part No. - DTB123ECHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123EC ROHM-DTB123EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
More results

Similar Description - DTB123ECHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB143ECHZG ROHM-DTB143ECHZG Datasheet
1Mb / 9P
   -500mA/-50V Digital transistor (with built-in resistor)
DTB114GCHZG ROHM-DTB114GCHZG Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistor)
DTD114GCHZG ROHM-DTD114GCHZG Datasheet
983Kb / 7P
   500mA/50V Digital transistor (with built-in resistor)
DTB123YK ROHM-DTB123YK_09 Datasheet
143Kb / 3P
   500mA / 50V Digital transistors (with built-in resistor)
DTB114ECHZG ROHM-DTB114ECHZG Datasheet
974Kb / 9P
   PNP -500mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTD123ECHZG ROHM-DTD123ECHZG Datasheet
1Mb / 9P
   NPN 500mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTB123EKFRA ROHM-DTB123EKFRA Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistors)
DTD114ECHZG ROHM-DTD114ECHZG Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
DTD143ECHZG ROHM-DTD143ECHZG Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
DTB113ZCHZG ROHM-DTB113ZCHZG Datasheet
1Mb / 9P
   500mA/-50V Digital transistor (with built-in resistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com