Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP7182 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP7182
Description  Positive or negative enable logic
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP7182 Datasheet HTML 3Page - Analog Devices ADP7182 Datasheet HTML 4Page - Analog Devices ADP7182 Datasheet HTML 5Page - Analog Devices ADP7182 Datasheet HTML 6Page - Analog Devices ADP7182 Datasheet HTML 7Page - Analog Devices ADP7182 Datasheet HTML 8Page - Analog Devices ADP7182 Datasheet HTML 9Page - Analog Devices ADP7182 Datasheet HTML 10Page - Analog Devices ADP7182 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Data Sheet
ADP7182
Rev. I | Page 7 of 31
3
NC
4
EN
1
VOUT
2
VOUT
6 GND
5 NC
8 VIN
7 VIN
ADP7182
TOP VIEW
(Not to Scale)
EXPOSED PAD
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP PACKAGE ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO VIN
INSIDE THE PACKAGE. THE EXPOSED PAD MUST BE CONNECTED TO THE
VIN PLANE ON THE BOARD FOR PROPER OPERATION. BECAUSE THIS IS A
NEGATIVE VOLTAGE REGULATOR, VIN IS THE MOST NEGATIVE POTENTIAL
IN THE CIRCUIT.
Figure 5. 8-Lead LFCSP Pin Configuration, Fixed Output Voltage
3
ADJ
4
EN
1
VOUT
2
VOUT
6 GND
5 NC
8 VIN
7 VIN
ADP7182
TOP VIEW
(Not to Scale)
EXPOSED PAD
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP PACKAGE ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO VIN
INSIDE THE PACKAGE. THE EXPOSED PAD MUST BE CONNECTED TO THE
VIN PLANE ON THE BOARD FOR PROPER OPERATION. BECAUSE THIS IS A
NEGATIVE VOLTAGE REGULATOR, VIN IS THE MOST NEGATIVE POTENTIAL
IN THE CIRCUIT.
Figure 6. 8-Lead LFCSP Pin Configuration, Adjustable Output Voltage
Table 6. 8-Lead LFCSP Pin Function Descriptions
LFCSP Pin No.
Fixed Output Voltage
Adjustable Output Voltage
Mnemonic
Description
1, 2
1, 2
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 2.2 µF or
greater capacitor.
Not applicable
3
ADJ
Adjustable Input. An external resistor divider sets the output voltage.
3
Not applicable
NC
No Connect. Do not connect to this pin.
4
4
EN
Drive EN 2 V above or below ground to enable the regulator, or drive
EN to ground to turn off the regulator. For automatic startup,
connect EN to VIN.
5
5
NC
No Connect. Do not connect to this pin.
6
6
GND
Ground.
7, 8
7, 8
VIN
Regulator Input Supply. Bypass VIN to GND with a 2.2 µF or greater
capacitor.
9
9
EPAD
Exposed pad. The exposed pad on the bottom of the LFCSP package
enhances thermal performance and is electrically connected to VIN
inside the package. The exposed pad must be connected to the VIN
plane on the board for proper operation. Because this is a negative
voltage regulator, VIN is the most negative potential in the circuit.


Similar Part No. - ADP7182

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ADP7182 ANACHIP-ADP7182 Datasheet
768Kb / 28P
   ??8 V, ??00 mA, Low Noise, Linear Regulator
logo
Analog Devices
ADP7182 AD-ADP7182 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADP7182 AD-ADP7182 Datasheet
761Kb / 18P
   0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
Rev. 0
logo
Anachip Corp
ADP7182ACPZ-5.0-R7 ANACHIP-ADP7182ACPZ-5.0-R7 Datasheet
768Kb / 28P
   ??8 V, ??00 mA, Low Noise, Linear Regulator
ADP7182ACPZ-R7 ANACHIP-ADP7182ACPZ-R7 Datasheet
768Kb / 28P
   ??8 V, ??00 mA, Low Noise, Linear Regulator
More results

Similar Description - ADP7182

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIH ARTESYN-AIH Datasheet
454Kb / 2P
   Positive and Negative enable function
logo
M/A-COM Technology Solu...
MAAD-010305 MA-COM-MAAD-010305_15 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305 MA-COM-MAAD-010305 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
MORNSUN Science& Techno...
K7803-1000 MORNSUN-K7803-1000 Datasheet
109Kb / 3P
   SINGLE POSITIVE /NEGATIVE OUTPUT
K7803-500 MORNSUN-K7803-500 Datasheet
118Kb / 3P
   SINGLE POSITIVE/NEGATIVE OUTPUT
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
Schneider Electric
BMXDAI1602 SCHNEIDER-BMXDAI1602 Datasheet
248Kb / 6P
   discrete input module X80 - 16 inputs - 24V AC/DC positive or negative
Apr 18, 2022
logo
Analog Devices
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
ADP5071 AD-ADP5071 Datasheet
1,002Kb / 28P
   Independent Positive and Negative Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com