Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1405BTS.TR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1405BTS.TR
Description  High Speed Synchronous Power MOSFET Smart Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405BTS.TR Datasheet(HTML) 3 Page - Semtech Corporation

  SC1405BTS.TR Datasheet HTML 1Page - Semtech Corporation SC1405BTS.TR Datasheet HTML 2Page - Semtech Corporation SC1405BTS.TR Datasheet HTML 3Page - Semtech Corporation SC1405BTS.TR Datasheet HTML 4Page - Semtech Corporation SC1405BTS.TR Datasheet HTML 5Page - Semtech Corporation SC1405BTS.TR Datasheet HTML 6Page - Semtech Corporation SC1405BTS.TR Datasheet HTML 7Page - Semtech Corporation SC1405BTS.TR Datasheet HTML 8Page - Semtech Corporation SC1405BTS.TR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1405B
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
R
D
_
S
P
S
D
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
h
g
i
HV
H
O
V
C
C
F
p
0
0
1
=
d
a
o
l
C
,
V
6
.
4
=5
1
.
4V
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
w
o
LV
L
O
V
C
C
F
p
0
0
1
=
d
a
o
l
C
,
V
6
.
4
=5
0
.
0V
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
d
l
o
h
s
e
r
h
T
t
r
a
t
SV
T
R
A
T
S
2
.
44
.
46
.
4V
s
i
s
e
r
e
t
s
y
Hs
y
h
V
O
L
V
U
5
0
.
0V
d
l
o
h
s
e
r
h
T
e
v
it
c
A
c
i
g
o
LV
T
C
A
5
.
1V
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
v
r
e
v
O
d
l
o
h
s
e
r
h
T
p
ir
TV
P
I
R
T
5
4
1
.
12
.
15
5
2
.
1V
s
i
s
e
r
e
t
s
y
Hs
y
h
V
P
V
O
8
.
0V
D
O
M
_
S
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
HV
H
I
0
.
2V
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
w
o
LV
L
I
8
.
0V
e
l
b
a
n
E
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
HV
H
I
0
.
2V
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
w
o
LV
L
I
8
.
0V
O
C
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
HV
H
I
0
.
2V
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
w
o
LV
L
I
8
.
0V
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
t
n
i
o
P
p
ir
T
e
r
u
t
a
r
e
p
m
e
T
r
e
v
OT
P
T
O
5
6
1
o
C
s
i
s
e
r
e
t
s
y
HT
T
S
Y
H
0
1
o
C
r
e
v
i
r
D
e
d
i
S
-
h
g
i
H
t
n
e
r
r
u
C
t
u
p
t
u
O
k
a
e
PI
H
K
P
3
A
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
Oc
r
s
R
G
T
k
n
i
s
R
G
T
,
s
µ
0
0
1
<
w
p
t
,
%
2
<
e
l
c
y
c
y
t
u
d
V
,
C
°
5
2
1
=
J
T
T
S
B
V
-
N
R
D
,
V
5
.
4
=
V
G
T
V
+
)
c
r
s
(
V
0
.
4
=
N
R
D
N
R
D
V
+
)
k
n
i
s
(
V
5
.
0
=
G
T
V
r
o
1
7
.
e
v
i
r
D
e
d
i
S
-
w
o
L
t
n
e
r
r
u
C
t
u
p
t
u
O
k
a
e
PI
L
K
P
3
A
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
Oc
r
s
R
G
B
k
n
i
s
R
G
B
,
s
µ
0
0
1
<
w
p
t
,
%
2
<
e
l
c
y
c
y
t
u
d
,
C
°
5
2
1
=
J
T
V
S
V
,
V
6
.
4
=
V
G
B
)
c
r
s
(
V
4
=
V
r
o
R
D
W
O
L
)
k
n
i
s
(
V
5
.
0
=
2
.
1
0
.
1
Electrical Characteristics - DC Operating Specifications


Similar Part No. - SC1405BTS.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
More results

Similar Description - SC1405BTS.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
   High Speed Synchronous Power MOSFET Smart Driver
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
   High Speed, 12 V, Synchronous Power MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com