Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7866 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7866
Description  Customer supplied 6 V to 12 V bench supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7866 Datasheet(HTML) 3 Page - Analog Devices

  AD7866 Datasheet HTML 1Page - Analog Devices AD7866 Datasheet HTML 2Page - Analog Devices AD7866 Datasheet HTML 3Page - Analog Devices AD7866 Datasheet HTML 4Page - Analog Devices AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ADA4571R-EBZ User Guide
UG-739
GETTING STARTED
SOFTWARE INSTALLATION PROCEDURES
There are two pieces of software to install: the Windows GUI
and the SDP drivers.
Windows GUI Installation
Use the following steps to install the GUI.
1. Before connecting the USB cable or powering the board,
insert the ADA4571-EBZ setup CD and from the installer
directory, run the installer Setup.exe.
2. When the Destination Directory screen appears (see
Figure 2), click Next. Optionally, you may change the
destination folder by clicking Browse, selecting a different
destination folder, and clicking Next.
Figure 2. Choose Destination Location
3. When the Start Installation window appears click Next to
continue with the installation (see Figure 3).
Figure 3. Review Installation
4. Click Next to complete installation of the Windows
LabVIEW GUI.
SDP Installation
Next, install the Analog Devices, Inc., SDP driver. This driver
allows the SDP control board to interface with the LabVIEW
GUI.
1. When the SDP drivers setup wizard appears, click Next
(see Figure 4).
Figure 4. SDP Driver Installation
2. When the Choose Install Location screen appears (see
Figure 5), click Next. Optionally, you may change the
destination folder by clicking Browse, selecting a different
destination folder, and clicking Next.
Figure 5. Choose Install Location
3. Click Finish to complete the installation of the SDP
drivers.
4. Connect the SDP control card to the motherboard and
plug the SDP control card into the PC with the supplied
USB cable. The computer now recognizes the SDP control
board and the LabVIEW GUI may be opened to continue.
Rev. 0 | Page 3 of 13


Similar Part No. - AD7866

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7866ARU AD-AD7866ARU Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866ARU AD-AD7866ARU Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866ARU AD-AD7866ARU Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results

Similar Description - AD7866

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5830K SANKEN-LC5830K Datasheet
1Mb / 25P
   Supply voltage 6 to 48 V
logo
IK Semicon Co., Ltd
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
logo
International Rectifier
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com