Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9144BCPZRL Datasheet(PDF) 1 Page - Analog Devices

Part # AD9144BCPZRL
Description  Multiple chip synchronization
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144BCPZRL Datasheet(HTML) 1 Page - Analog Devices

  AD9144BCPZRL Datasheet HTML 1Page - Analog Devices AD9144BCPZRL Datasheet HTML 2Page - Analog Devices AD9144BCPZRL Datasheet HTML 3Page - Analog Devices AD9144BCPZRL Datasheet HTML 4Page - Analog Devices AD9144BCPZRL Datasheet HTML 5Page - Analog Devices AD9144BCPZRL Datasheet HTML 6Page - Analog Devices AD9144BCPZRL Datasheet HTML 7Page - Analog Devices AD9144BCPZRL Datasheet HTML 8Page - Analog Devices AD9144BCPZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
Quad, 16-Bit, 2.8 GSPS, TxDAC+®
Digital-to-Analog Converter
Data Sheet
AD9144
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Supports input data rate >1 GSPS
Proprietary low spurious and distortion design
6-carrier GSM IMD = 77 dBc at 75 MHz IF
SFDR = 82 dBc at dc IF, −9 dBFS
Flexible 8-lane JESD204B interface
Support quad or dual DAC mode at 2.8 GSPS
Multiple chip synchronization
Fixed latency
Data generator latency compensation
Selectable 1×, 2×, 4×, 8× interpolation filter
Low power architecture
Input signal power detection
Emergency stop for downstream analog circuitry protection
Transmit enable function allows extra power saving
High performance, low noise phase-locked loop (PLL) clock
multiplier
Digital inverse sinc filter
Low power: 1.6 W at 1.6 GSPS, 1.7 W at 2.0 GSPS,
full operating conditions
88-lead LFCSP with exposed pad
APPLICATIONS
Wireless communications
3G/4G W-CDMA base stations
Wideband repeaters
Software defined radios
Wideband communications
Point-to-point
Local multipoint distribution service (LMDS) and
multichannel multipoint distribution service (MMDS)
Transmit diversity, multiple input/multiple output (MIMO)
Instrumentation
Automated test equipment
GENERAL DESCRIPTION
The AD9144 is a quad, 16-bit, high dynamic range digital-to-
analog converter (DAC) that provides a maximum sample rate
of 2.8 GSPS, permitting a multicarrier generation up to the
Nyquist frequency. The DAC outputs are optimized to interface
seamlessly with the ADRF6720 analog quadrature modulator
(AQM) from Analog Devices, Inc. An optional 3-wire or 4-wire
serial port interface (SPI) provides for programming/readback
of many internal parameters. Full-scale output current can be
programmed over a typical range of 13.9 mA to 27.0 mA. The
AD9144 is available in an 88-lead LFCSP.
TYPICAL APPLICATION CIRCUIT
QUAD
DAC
AD9144
QUAD MOD
ADRF6720
LPF
0°/90° PHASE
SHIFTER
JESD204B
SYSREF±
SYNCOUTx±
LO_IN
MOD_SPI
DAC
DAC
QUAD MOD
ADRF6720
LPF
0°/90° PHASE
SHIFTER
JESD204B
SYNCOUTx±
LO_IN
MOD_SPI
DAC
SPI
CLK±
DAC
DAC
Figure 1.
PRODUCT HIGHLIGHTS
1.
Greater than 1 GHz, ultrawide complex signal bandwidth
enables emerging wideband and multiband wireless
applications.
2.
Advanced low spurious and distortion design techniques
provide high quality synthesis of wideband signals from
baseband to high intermediate frequencies.
3.
JESD204B Subclass 1 support simplifies multichip
synchronization in software and hardware design.
4.
Fewer pins for data interface width with a serializer/
deserializer (SERDES) JESD204B eight-lane interface.
5.
Programmable transmit enable function allows easy design
balance between power consumption and wake-up time.
6.
Small package size with 12 mm × 12 mm footprint.


Similar Part No. - AD9144BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9144BCPZRL AD-AD9144BCPZRL Datasheet
2Mb / 125P
   Digital-to-Analog Converter
More results

Similar Description - AD9144BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
   SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
   External synchronization
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
   Synchronization Module
logo
STMicroelectronics
AN832 STMICROELECTRONICS-AN832 Datasheet
34Kb / 3P
   L4981A SYNCHRONIZATION
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
   SynchronIzatIon switch
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
   External Frequency Synchronization
Rev 0; 2/15
logo
Renesas Technology Corp
8A34005 RENESAS-8A34005 Datasheet
2Mb / 95P
   Synchronization Management Unit
April 19, 2022
8A34004 RENESAS-8A34004 Datasheet
2Mb / 100P
   Synchronization Management Unit
February 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com