Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7403BRIZ-RL7 Datasheet(PDF) 24 Page - Analog Devices

Part No. AD7403BRIZ-RL7
Description  16-Bit, Isolated Sigma-Delta Modulator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7403BRIZ-RL7 Datasheet(HTML) 24 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Data Sheet
AD7403
Rev. B | Page 23 of 24
OUTLINE DIMENSIONS
16
9
8
1
SEATING
PLANE
COPLANARITY
0.1
1.27 BSC
12.85
12.75
12.65
7.60
7.50
7.40
2.64
2.54
2.44
1.01
0.76
0.51
0.30
0.20
0.10
10.51
10.31
10.11
0.46
0.36
2.44
2.24
PIN 1
MARK
1.93 REF
0.32
0.23
0.71
0.50
0.31
45°
0.25 BSC
GAGE
PLANE
COMPLIANT TO JEDEC STANDARDS MS-013-AC
Figure 46. 16-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
Wide Body
(RI-16-2)
Dimensions shown in millimeters
8
5
4
1
SEATING
PLANE
COPLANARITY
0.10
1.27 BSC
1.04
BSC
6.05
5.85
5.65
7.60
7.50
7.40
2.65
2.50
2.35
0.75
0.58
0.40
0.30
0.20
0.10
2.45
2.35
2.25
10.51
10.31
10.11
0.51
0.41
0.31
PIN 1
MARK
0.33
0.27
0.20
0.75
0.50
0.25
45°
Figure 47. 8-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
Wide Body
(RI-8-1)
Dimensions shown in millimeters


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn