Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7403BRIZ-RL7 Datasheet(PDF) 14 Page - Analog Devices

Part No. AD7403BRIZ-RL7
Description  16-Bit, Isolated Sigma-Delta Modulator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7403BRIZ-RL7 Datasheet(HTML) 14 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
AD7403
10
11
12
13
14
–250
–125
0
VIN+ DC INPUT (mV)
125
250
DC INPUT
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 25. IDD2 vs. VIN+ DC Input at Various Temperatures
–60
–40
–20
0
20
40
60
–320
–240
–160
–80
0
80
160
240
320
VIN+ DC INPUT (mV)
MCLKIN = 5MHz
MCLKIN = 10MHz
MCLKIN = 20MHz
DC INPUT
Figure 26. IIN+ vs. VIN+ DC Input at Various Clock Rates
Rev. B | Page 13 of 24


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn