Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114EN3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTA114EN3
Description  PNP Digital Transistors (Built-in Resistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTA114EN3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTA114EN3_16 Datasheet HTML 1Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 2Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 3Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 4Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 5Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C355N3
Issued Date : 2003.05.27
Revised Date :2015.09.18
Page No. : 2/6
DTA143EN3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-40~+10
V
IO
-50
mA
Output Current
IO(max)
-100
mA
Power Dissipation
Pd
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Electrical Characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
-
-
-0.5
V
VCC=-5V, IO=-100μA
Input Voltage
VI(on)
-3
-
-
V
VO=-0.3V, Io=-10mA
Output Voltage
VO(on)
-
-
-0.3
V
IO/II=-10mA/-0.5mA
Input Current
II
-
-
-0.88
mA
VI=-5V
Output Current
IO(off)
-
-
-0.5
μA
VCC=-50V, VI=0V
DC Current Gain
GI
30
-
-
-
VO=-5V, IO=-5mA
Input Resistance
R1
7
10
13
k
Ω
-
Resistance Ratio
R2/R1
0.8
1
1.2
-
-
Transition Frequency
fT
-
250
-
MHz
VCE=-10V, IC=-5mA, f=100MHz *
* Transition frequency of the device
Recommended Soldering Footprint


Similar Part No. - DTA114EN3_16

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA114EN3S CYSTEKEC-DTA114EN3S Datasheet
152Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results

Similar Description - DTA114EN3_16

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA123JC3 CYSTEKEC-DTA123JC3 Datasheet
329Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA114ES3 CYSTEKEC-DTA114ES3_16 Datasheet
279Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143EE SECOS-DTA143EE Datasheet
970Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA114YN3 CYSTEKEC-DTA114YN3_11 Datasheet
256Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
DTA124ES3 CYSTEKEC-DTA124ES3 Datasheet
141Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA123YS3 CYSTEKEC-DTA123YS3 Datasheet
157Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA124EN3 CYSTEKEC-DTA124EN3 Datasheet
156Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com