Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114EN3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # DTA114EN3
Description  PNP Digital Transistors (Built-in Resistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTA114EN3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  DTA114EN3_16 Datasheet HTML 1Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 2Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 3Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 4Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 5Page - Cystech Electonics Corp. DTA114EN3_16 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C355N3
Issued Date : 2003.05.27
Revised Date :2015.09.18
Page No. : 1/6
DTA143EN3
CYStek Product Specification
PNP Digital Transistors (Built-in Resistors)
DTA114EN3
Features
• Built-in bias resistors enable the configuration of an inverter circuit without connecting external input
resistors (see equivalent circuit).
• The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the
input. They also have the advantage of almost completely eliminating parasitic effects.
• Only the on/off conditions need to be set for operation, making device design easy.
• Complements the DTC114EN3
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
SOT-23
DTA114EN3
R1=10k
Ω , R2=10 kΩ
IN(B) : Base
OUT(C) : Collector
GND(E) : Emitter
Ordering Information
Device
Package
Shipping
DTA114EN3-0-T1-G
SOT-23
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - DTA114EN3_16

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA114EN3S CYSTEKEC-DTA114EN3S Datasheet
152Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results

Similar Description - DTA114EN3_16

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA123JC3 CYSTEKEC-DTA123JC3 Datasheet
329Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA114ES3 CYSTEKEC-DTA114ES3_16 Datasheet
279Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143EE SECOS-DTA143EE Datasheet
970Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA114YN3 CYSTEKEC-DTA114YN3_11 Datasheet
256Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
DTA124ES3 CYSTEKEC-DTA124ES3 Datasheet
141Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA123YS3 CYSTEKEC-DTA123YS3 Datasheet
157Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA124EN3 CYSTEKEC-DTA124EN3 Datasheet
156Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com