Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS-BGA160C-41 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # LS-BGA160C-41
Description  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA160C-41 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA160C-41 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description: Giga-snaP BGA SMT Land Socket
160 position BGA surface mount land pattern to terminal pins (1.0mm [0.039"] centers, 14x14 array)
Status: Released
Drawing: B Fedde
Scale: 6:1
Rev: B
Date: 8/23/04
Modified:4/18/05
File: LS-BGA160C-41 Dwg
LS-BGA160C-41 Drawing
© 2004 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
1
Pins: material- Brass Alloy 360 1/2 hard; finish-
0.25µm [10µ"] Au over 1.27µm [50µ"] Ni (min.).
Substrate: 1.59mm ±0.18mm [0.0625" ±0.007"]
FR4/G10 or equivalent high temp material.
2
2
Top View
Side View
1
A
th
b
F
w
A
a
1.00mm typ.
1.68mm
[0.066"]
13.00mm [0.512"]
Ø 0.20mm [0.008"] ±0.0005"
3.76mm
[0.148"]
1.00mm
[0.039"]
1.00mm
[0.039"]
15.00mm
[0.591"]
15.00mm
[0.591"]


Similar Part No. - LS-BGA160C-41

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA1696A-41 IRONWOOD-LS-BGA1696A-41 Datasheet
97Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA169A-31 IRONWOOD-LS-BGA169A-31 Datasheet
24Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA169F-05 IRONWOOD-LS-BGA169F-05 Datasheet
29Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA169F-61 IRONWOOD-LS-BGA169F-61 Datasheet
26Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA169L-05 IRONWOOD-LS-BGA169L-05 Datasheet
111Kb / 1P
   Primary dimension units are millimeters
More results

Similar Description - LS-BGA160C-41

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com