Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTF015P02 Datasheet(PDF) 1 Page - Rohm

Part No. RTF015P02
Description  DC-DC Converter (-20V, -1.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RTF015P02 Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RTF015P02
Transistors
1/4
DC-DC Converter (
−20V, −1.5A)
RTF015P02
Features
1) Low on-resistance. (80mΩ at 2.5V)
2) High power package.
3) High speed switching.
4) Low voltage drive. (2.5V)
Applications
DC-DC converter
External dimensions
(Unit : mm)
TUMT3
Abbreviated symbol : WV
Each lead has same dimensions
2.0
±0.1
0.85MAX
0.77
±0.05
0.17
±0.05
0.65
1.3
±0.1
0.65
+0.1
−0.05
0.3
(1)
(3)
(2)
0 to 0.1
Structure
Silicon P-channel
MOS FET
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
RTF015P02
TL
3000
Type
Equivalent circuit
(1) Gate
(2) Source
(3) Drain
∗2
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗1
(2)
(1)
(3)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn