Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTF015P02 Datasheet(PDF) 3 Page - Rohm

Part No. RTF015P02
Description  DC-DC Converter (-20V, -1.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

RTF015P02 Datasheet(HTML) 3 Page - Rohm

  RTF015P02 Datasheet HTML 1Page - Rohm RTF015P02 Datasheet HTML 2Page - Rohm RTF015P02 Datasheet HTML 3Page - Rohm RTF015P02 Datasheet HTML 4Page - Rohm RTF015P02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RTF015P02
Transistors
3/4
Electrical characteristic curves
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
GATE-SOURCE VOLTAGE :
−VGS (V)
0.001
0.01
0.1
1
10
Fig.1 Typical Transfer Characteristics
VDS
= −10V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.1
1
10
DRAIN CURRENT :
−ID (A)
10
100
1000
Fig.2 Static Drain-Source On-State
Resistance vs. Drain Current
Ta
=25°C
Pulsed
VGS
= −4.5V
VGS
= −4.0V
VGS
= −2.5V
Fig.3 Static Drain-Source On-State
Resistance vs. Drain Current
DRAIN CURRENT :
−ID (A)
0.1
1
10
10
100
1000
VGS
= −4.5V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.1
1
10
10
100
1000
DRAIN CURRENT :
−ID (A)
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current
VGS
= −4V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.1
1
10
10
100
1000
DRAIN CURRENT :
−ID (A)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current
VGS
= −2.5V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SOURCE-DRAIN VOLTAGE :
−VSD (V)
0.01
0.1
1
10
VGS
=0V
Pulsed
Fig.6 Reverse Drain Current vs.
Source-Drain Voltage
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
10
100
1000
10000
0.01
0.1
1
10
100
DRAIN-SOURCE VOLTAGE :
−VDS (V)
Ta
=25°C
f
=1MHz
VGS
=0V
Fig.7 Typical Capacitance
vs. Drain-Source Voltage
Ciss
Coss
Crss
0.01
0.1
1
10
DRAIN CURRENT :
−ID (A)
1
10
1000
10000
100
Fig.8 Switching Characteristics
td (off)
td (on)
tr
tf
Ta
=25°C
VDD
= −15V
VGS
= −4.5A
RG
=10Ω
Pulsed
Ta
=25°C
VDD
= −15V
ID
= −1.5A
RG
=10Ω
Pulsed
012345678
TOTAL GATE CHARGE : Qg (nC)
0
1
2
3
4
5
6
7
8
Fig.9 Dynamic Input Characteristics


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn