Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTF015P02 Datasheet(PDF) 2 Page - Rohm

Part No. RTF015P02
Description  DC-DC Converter (-20V, -1.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RTF015P02 Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RTF015P02
Transistors
2/4
Absolute maximum ratings
(Ta=25
°C)
∗1
∗2
∗1
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
W
PD
°C
Tch
°C
Tstg
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
−20
150
−55 to +150
±12
±1.5
±6
−0.6
−6
0.8
Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Body diode characteristics (source-drain characteristics)
VSD
−−
−1.2
V
IS=
−0.6A, VGS=0V
Forward voltage
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−±10
µAVGS=±12V, VDS=0V
VDD
−15V
−20
−−
VID=
−1mA, VGS=0V
−−
−1
µAVDS= −20V, VGS=0V
−0.7
−−2.0
V
VDS=
−10V, ID= −1mA
100
135
ID=
−1.5A, VGS= −4.5V
110
150
m
m
m
ID=
−1.5A, VGS= −4V
180
250
ID=
−1.5A, VGS= −2.5V
1.5
−−
SVDS=
−10V, ID= −0.8A
560
pF
VDS=
−10V
90
55
pF
VGS=0V
12
pF
f=1MHz
12
ns
38
ns
12
ns
5.2
ns
1.3
nC
1.4
nC
VGS=
−4.5V
RL 10
RGS=10
−−
nC
ID=
−1.5A
VDD
−15V
ID=
−0.8A
VGS=
−4.5V
RL=9
RGS=10


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn