Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC115TS3-0-T1-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTC115TS3-0-T1-G
Description  NPN Digital Transistors (Built-in Resistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC115TS3-0-T1-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTC115TS3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. DTC115TS3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. DTC115TS3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. DTC115TS3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. DTC115TS3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. DTC115TS3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C358S3
Issued Date : 2004.03.09
Revised Date :2016.07.18
Page No. : 2/6
DTC115TS3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Power Dissipation
Pd
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Electrical Characteristics (Ta=25
°C)
Parameter
Symbol Min. Typ. Max. Unit
Test Conditions
Collector-Base Breakdown Voltage
VCBO
50
-
-
V
IC=50μA
Collector-Emitter Breakdown Voltage
VCEO
50
-
-
V
IC=1mA
Emitter-Base Breakdown Voltage
VEBO
5
-
-
V
IE=50μA
Collector-Base Cutoff Current
ICBO
-
-
0.5
μA
VCB=50V
Emitter-Base Cutoff Current
IEBO
-
-
0.5
μA
VEB=4V
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.3
V
IC=1mA, IB=0.1mA
DC Current Gain
hFE
100
-
600
-
VCE=5V, IC=1mA
Input Resistance
R
70
100
130
k
Ω
-
Transition Frequency
fT
-
250
-
MHz VCE=10V, IC=5mA, f=100MHz *
* Transition frequency of the devic
e
Recommended Soldering Footprint


Similar Part No. - DTC115TS3-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC115TS3 CYSTEKEC-DTC115TS3 Datasheet
233Kb / 6P
   DTC115TS3 CYStek Product Specification
More results

Similar Description - DTC115TS3-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com