Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB095A10KRQ8 Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTB095A10KRQ8
Description  Dual N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB095A10KRQ8 Datasheet(HTML) 9 Page - Cystech Electonics Corp.

  MTB095A10KRQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB095A10KRQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB095A10KRQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB095A10KRQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB095A10KRQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB095A10KRQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB095A10KRQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB095A10KRQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB095A10KRQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C714Q8
Issued Date : 2017.02.02
Revised Date :
Page No. : 9/9
MTB095A10KRQ8
Preliminary
CYStek Product Specification
SOP-8 Dimension
Millimeters
Inches
Millimeters
Inches
DIM
Marking:
8-Lead SOP-8 Plastic Package
CYStek Package Code: Q8
Date Code
Device Name
B095A
10KR
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
1.350
1.750
0.053
0.069
E
3.800
4.000
0.150
0.157
A1
0.100
0.250
0.004
0.010
E1
5.800
6.200
0.228
0.244
A2
1.350
1.550
0.053
0.061
e
1.270 (BSC)
0.050 (BSC)
b
0.330
0.510
0.013
0.020
L
0.400
1.270
0.016
0.050
c
0.170
0.250
0.006
0.010
θ
0
0
D
4.700
5.100
0.185
0.200
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MTB095A10KRQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB095N10KRJ3 CYSTEKEC-MTB095N10KRJ3 Datasheet
403Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB095N10KRJ3 DOINGTER-MTB095N10KRJ3 Datasheet
2Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB095N10KRJ3-0-T3-G CYSTEKEC-MTB095N10KRJ3-0-T3-G Datasheet
403Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
413Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
414Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - MTB095A10KRQ8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB15A04DH8 CYSTEKEC-MTB15A04DH8 Datasheet
704Kb / 11P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
   Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4806B HMSEMI-HM4806B Datasheet
701Kb / 8P
   Dual N-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4804MT A-POWER-AP4804MT Datasheet
258Kb / 8P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6A100M A-POWER-AP6A100M Datasheet
72Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com