Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF5130BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5130BCPZ
Description  Low insertion loss
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5130BCPZ Datasheet(HTML) 4 Page - Analog Devices

  ADRF5130BCPZ Datasheet HTML 1Page - Analog Devices ADRF5130BCPZ Datasheet HTML 2Page - Analog Devices ADRF5130BCPZ Datasheet HTML 3Page - Analog Devices ADRF5130BCPZ Datasheet HTML 4Page - Analog Devices ADRF5130BCPZ Datasheet HTML 5Page - Analog Devices ADRF5130BCPZ Datasheet HTML 6Page - Analog Devices ADRF5130BCPZ Datasheet HTML 7Page - Analog Devices ADRF5130BCPZ Datasheet HTML 8Page - Analog Devices ADRF5130BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
ADRF5130
Rev. A | Page 3 of 10
SPECIFICATIONS
VDD = 5 V, VCTL = 0 V or VDD, TA = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol Test Conditions/Comments
Min Typ
Max
Unit
FREQUENCY RANGE
0.7
3.5
GHz
INSERTION LOSS
0.7 GHz to 2.0 GHz
0.6
dB
2.0 GHz to 3.5 GHz
0.7
dB
ISOLATION
RFC to RF1 or RF2 (Worst Case)
0.7 GHz to 2.0 GHz
50
dB
2.0 GHz to 3.5 GHz
46
dB
RF1 to RF2 (Worst Case)
0.7 GHz to 2.0 GHz
51
dB
2.0 GHz to 3.5 GHz
41
dB
RETURN LOSS
RFC
0.7 GHz to 2.0 GHz
23
dB
2.0 GHz to 3.5GHz
17
dB
RFC to RF1 or RF2
0.7 GHz to 2.0 GHz
21
dB
2.0 GHz to 3.5 GHz
17
dB
SWITCHING SPEED
Time
Rise and Fall
tRISE, tFALL
90% to 10% of RF output
155
ns
On and Off
tON, tOFF
50% VCTL to 10% to 90% of RF output
750
ns
RADIO FREQUENCY (RF) SETTLING TIME
50% VCTL to 0.1 dB margin of final RF output
1.8
µs
INPUT POWER
0.1 dB Compression
P0.1dB
46
dBm
INPUT THIRD-ORDER INTERCEPT
IP3
Two-tone input power = 25 dBm/tone
0.7 GHz to 2 GHz
68
dBm
2 GHz to 3.5 GHz
65
dBm
RECOMMENDED OPERATING CONDITIONS
0.7 GHz to 3.5 GHz
Voltage Range
Bias
VDD
4.5
5.4
V
Control
VCTL
0
VDD
V
Maximum RF Input Power
TCASE = 105°C
Continuous wave
41
dBm
TCASE = 85°C
Continuous wave
43
dBm
8 dB peak to average ratio (PAR) LTE, average
38
dBm
8 dB PAR LTE, single event (<10 sec), average
44
dBm
TCASE = 25°C
Continuous wave
44.5
dBm
Case Temperature Range
TCASE
−40
+105
°C
DIGITAL INPUT CONTROL VOLTAGE
VDD = 4.5 V to 5.4 V,TCASE = −40°C to +105°C at <1 µAtypical
Low Range
VIL
0
0.8
V
High Range
VIH
1.3
5.0
V
SUPPLY CURRENT
IDD
VDD = 5 V
1.06
mA


Similar Part No. - ADRF5130BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132-EVALZ AD-ADRF5132-EVALZ Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132BCPZN AD-ADRF5132BCPZN Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132BCPZN-R7 AD-ADRF5132BCPZN-R7 Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
More results

Similar Description - ADRF5130BCPZ

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
   Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
   Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
   Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
   Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
   Low Insertion Loss
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608060T97Q1C WALSIN-AMDIP1608060T97Q1C Datasheet
551Kb / 6P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2069A-1 RFM-SF2069A-1 Datasheet
61Kb / 2P
   Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com