Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN142S Datasheet(PDF) 2 Page - Rohm

Part # RN142S
Description  PIN diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN142S Datasheet(HTML) 2 Page - Rohm

  RN142S Datasheet HTML 1Page - Rohm RN142S Datasheet HTML 2Page - Rohm RN142S Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RN142S
Diodes
2/2
Electrical characteristic curves (Ta=25
°C)
Fig.1 Forward caharacteristics
1
0.1
100
10
200
400
600
1200
1000
800
FORWARD VOLTAGE : VF
(mV)
150
°C
125
°C
−25°C
25
°C
75
°C
10n
020
40
60
10p
100p
1n
100n
1
µ
10
µ
REVERSE VOLTAGE : VR
(V)
Fig.2 Reverse characteristics
150
°C
125
°C
25
°C
75
°C
Fig.3 Capacitance vs.
Reverse voltage
02468
10
0
0.1
0.25
0.35
0.5
REVERSE VOLTAGE : VR
(V)
f=1MHz
0.05
0.15
0.2
0.3
0.4
0.45
f=1.8GHz
f=900MHz
0
1
0
2
3
3.5
2
468
10
FORWARD CURRENT : IF
(mA)
Fig.4 Forward resistance vs.
Forward current
f=100MHz
0.5
1.5
2.5
f=900MHz
f=1.8GHz


Similar Part No. - RN142S

ManufacturerPart #DatasheetDescription
logo
Rohm
RN142S ROHM-RN142S Datasheet
1Mb / 3P
   PIN diode
RN142S ROHM-RN142S Datasheet
1Mb / 8P
   PIN Diodes
RN142SM ROHM-RN142SM Datasheet
1Mb / 8P
   PIN Diodes
RN142STE61 ROHM-RN142STE61 Datasheet
375Kb / 5P
   PIN diode
RN142S ROHM-RN142S_11 Datasheet
1Mb / 3P
   PIN diode
More results

Similar Description - RN142S

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com