Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210Y104MARALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210Y104MARALTU
Description  Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210Y104MARALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210Y104MARALTU Datasheet HTML 1Page - Kemet Corporation C1210Y104MARALTU Datasheet HTML 2Page - Kemet Corporation C1210Y104MARALTU Datasheet HTML 3Page - Kemet Corporation C1210Y104MARALTU Datasheet HTML 4Page - Kemet Corporation C1210Y104MARALTU Datasheet HTML 5Page - Kemet Corporation C1210Y104MARALTU Datasheet HTML 6Page - Kemet Corporation C1210Y104MARALTU Datasheet HTML 7Page - Kemet Corporation C1210Y104MARALTU Datasheet HTML 8Page - Kemet Corporation C1210Y104MARALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1015_X7R_FF-CAP_SMD • 2/29/2016
1
One world. One KEMET
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Floating Electrode Design with Flexible Termination System
(FF-CAP), X7R Dielectric, 6.3 – 250 VDC (Commercial &Automotive Grade)
Overview
KEMET’s Floating Electrode with Flexible Termination capacitor
(FF-CAP) combines two existing KEMET technologies– Floating
Electrode and Flexible Termination. The floating electrode
component utilizes a cascading internal electrode design
configured to form multiple capacitors in series within a single
monolithic structure. This unique configuration results in
enhanced voltage and ESD performance over standard capacitor
designs while allowing for a fail-open condition if mechanically
damaged (cracked). The flexible termination component utilizes
a conductive silver epoxy between the base metal and nickel
barrier layers of KEMET’s standard termination system in
order to establish pliability while maintaining terminal strength,
solderability and electrical performance. Both technologies
address the primary failure mode of MLCCs– flex cracks, which
are typically the result of excessive tensile and shear stresses
produced during board flexure and thermal cycling.
Although neither technology can eliminate the potential for
mechanical damage that may propagate during extreme
environmental and/or handling conditions, the combination of
these two technologies provide the ultimate level of protection
against a low IR or short circuit condition. The FF-CAP
complements KEMET’s Open Mode, Floating Electrode (FE-CAP),
Flexible Termination (FT-CAP) and KEMET Power Solutions (KPS)
product lines by providing an ultimate fail-safe design optimized
for low to mid range capacitance values. These devices exhibit a
predictable change in capacitance with respect to time and voltage
and boast a minimal change in capacitance with reference to
ambient temperature. Capacitance change is limited to ±15% from
−55°C to +125°C.
In addition to Commercial Grade, Automotive Grade devices
are available which meet the demanding Automotive Electronics
Council's AEC–Q200 qualification requirements.
Ordering Information
C
0805
Y
104
K
5
R
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric
Failure Rate/
Design
Termination
Finish1
Packaging/
Grade (C-Spec)
0603
0805
1206
1210
1812
Y = Floating
Electrode
with Flexible
Termination
Two significant
digits + number
of zeros
J = ±5%
K = ±10%
M = ±20%
9 = 6.3
8 = 10
4 = 16
3 = 25
5 = 50
1 = 100
2 = 200
A = 250
R = X7R
A = N/A
C = 100%
Matte Sn
L = SnPb (5%
Pb minimum)
See
"Packaging
C-Spec
Ordering
Options Table"
below
1
Additional termination finish options may be available. Contact KEMET for details.
1
SnPb termination finish option is not available on automotive grade product.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1210Y104MARALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210Y104MARALTU KEMET-C1210Y104MARALTU Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
More results

Similar Description - C1210Y104MARALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210Y154KCRACTU KEMET-C1210Y154KCRACTU Datasheet
929Kb / 25P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination X7R Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C2225Y393JCGACTU KEMET-C2225Y393JCGACTU Datasheet
907Kb / 24P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com