Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5671R Datasheet(PDF) 31 Page - Analog Devices

Part No. AD5671R
Description  Base station power amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5671R Datasheet HTML 24Page - Analog Devices AD5671R Datasheet HTML 25Page - Analog Devices AD5671R Datasheet HTML 26Page - Analog Devices AD5671R Datasheet HTML 27Page - Analog Devices AD5671R Datasheet HTML 28Page - Analog Devices AD5671R Datasheet HTML 29Page - Analog Devices AD5671R Datasheet HTML 30Page - Analog Devices AD5671R Datasheet HTML 31Page - Analog Devices AD5671R Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
AD5671R/AD5675R
Rev. B | Page 31 of 32
OUTLINE DIMENSIONS
Figure 71. 20-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-20)
Dimensions shown in millimeters
Figure 72. 20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm Body, Very Very Thin Quad
(CP-20-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Resolution
Temperature
Range
Accuracy
Reference Temperature
Coefficient (ppm/°C)
Package
Description
Package
Option
AD5671RBRUZ
12 Bits
−40°C to +125°C
±1 LSB INL
2 (typical)
20-Lead TSSOP
RU-20
AD5671RBRUZ-REEL7
12 Bits
−40°C to +125°C
±1 LSB INL
2 (typical)
20-Lead TSSOP
RU-20
AD5671RBCPZ-REEL7
12 Bits
−40°C to +125°C
±1 LSB INL
2 (typical)
20-Lead LFCSP_WQ
CP-20-8
AD5671RBCPZ-RL
12 Bits
−40°C to +125°C
±1 LSB INL
2 (typical)
20-Lead LFCSP_WQ
CP-20-8
AD5675RARUZ
16 Bits
−40°C to +125°C
±8 LSB INL
5 (typical)
20-Lead TSSOP
RU-20
AD5675RARUZ-REEL7
16 Bits
−40°C to +125°C
±8 LSB INL
5 (typical)
20-Lead TSSOP
RU-20
AD5675RBRUZ
16 Bits
−40°C to +125°C
±3 LSB INL
2 (typical)
20-Lead TSSOP
RU-20
AD5675RBRUZ-REEL7
16 Bits
−40°C to +125°C
±3 LSB INL
2 (typical)
20-Lead TSSOP
RU-20
AD5675RACPZ-REEL7
16 Bits
−40°C to +125°C
±8 LSB INL
5 (typical)
20-Lead LFCSP_WQ
CP-20-8
AD5675RACPZ-RL
16 Bits
−40°C to +125°C
±8 LSB INL
5 (typical)
20-Lead LFCSP_WQ
CP-20-8
AD5675RBCPZ-REEL7
16 Bits
−40°C to +125°C
±3 LSB INL
5 (typical)
20-Lead LFCSP_WQ
CP-20-8
EVAL-AD5675RSDZ
AD5675R Evaluation Board
1
Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MO-153-AC
20
1
11
10
6.40 BSC
4.50
4.40
4.30
PIN 1
6.60
6.50
6.40
SEATING
PLANE
0.15
0.05
0.30
0.19
0.65
BSC
1.20 MAX
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.18
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
2.75
2.60 SQ
2.35
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
20
6
10
11
15
16
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn