Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206Y104J2RALTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1206Y104J2RALTU
Description  Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206Y104J2RALTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1206Y104J2RALTU Datasheet HTML 2Page - Kemet Corporation C1206Y104J2RALTU Datasheet HTML 3Page - Kemet Corporation C1206Y104J2RALTU Datasheet HTML 4Page - Kemet Corporation C1206Y104J2RALTU Datasheet HTML 5Page - Kemet Corporation C1206Y104J2RALTU Datasheet HTML 6Page - Kemet Corporation C1206Y104J2RALTU Datasheet HTML 7Page - Kemet Corporation C1206Y104J2RALTU Datasheet HTML 8Page - Kemet Corporation C1206Y104J2RALTU Datasheet HTML 9Page - Kemet Corporation C1206Y104J2RALTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1015_X7R_FF-CAP_SMD • 2/29/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, (Commercial & Automotive Grade)
Table 1A – Capacitance Range/Selection Waterfall (0603 – 0805 Case Sizes)
Capacitance Capacitance
Code
Case Size/
Series
C0603Y
C0805Y
Voltage Code
9
8
4
3
5
1
2
9
8
4
3
5
1
2
A
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
180 pF
181
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
220 pF
221
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
270 pF
271
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
330 pF
331
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
390 pF
391
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
470 pF
471
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
560 pF
561
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
680 pF
681
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
820 pF
821
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
1,000 pF
102
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
1,200 pF
122
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
1,500 pF
152
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
1,800 pF
182
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
2,200 pF
222
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
2,700 pF
272
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
3,300 pF
332
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
3,900 pF
392
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
4,700 pF
472
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
5,600 pF
562
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
6,800 pF
682
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
8,200 pF
822
J
K
M
CJ
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
10,000 pF
103
J
K
M
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
12,000 pF
123
J
K
M
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DR
DR
DR
15,000 pF
153
J
K
M
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DD
18,000 pF
183
J
K
M
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DD
22,000 pF
223
J
K
M
CJ
CJ
CJ
CJ
CJ
DR
DR
DR
DR
DR
DD
27,000 pF
273
J
K
M
DR
DR
DR
DR
DR
33,000 pF
333
J
K
M
DR
DR
DR
DR
DR
39,000 pF
393
J
K
M
DR
DR
DR
DR
DR
47,000 pF
473
J
K
M
DR
DR
DR
DR
DR
56,000 pF
563
J
K
M
DD
DD
DD
DD
DD
68,000 pF
683
J
K
M
DD
DD
DD
DD
DD
82,000 pF
823
J
K
M
DG
DG
DG
DG
DG
0.10 µF
104
J
K
M
DG
DG
DG
DG
DG
Capacitance
Capacitance
Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
1
2
9
8
4
3
5
1
2
A
Case Size/Series
C0603Y
C0805Y


Similar Part No. - C1206Y104J2RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206Y104J2RALTU KEMET-C1206Y104J2RALTU Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
More results

Similar Description - C1206Y104J2RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210Y154KCRACTU KEMET-C1210Y154KCRACTU Datasheet
929Kb / 25P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination X7R Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C2225Y393JCGACTU KEMET-C2225Y393JCGACTU Datasheet
907Kb / 24P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com