Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6162 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-BGA-6162
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6162 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-BGA-6162 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6162 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6162 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6162 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3 of 4
Status: Released
Drawing: H. Hansen
Scale: -
Date: 11/2/05
File: SG-BGA-6162 Dwg
SG-BGA-6162 Drawing
© 2009 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Rev: B
Modified: 6/15/09, AE
D
E
Øb
3
TOP VIEW
SIDE VIEW
Compatible BGA Spec
BOTTOM VIEW
e
DETAIL
DIM
MIN
MAX
A
2.5
A1
0.4
0.6
b
0.7
D
E
e
35.0 BSC
35.0 BSC
1.00 BSC
Array 34x34
0.5
(4x)1mm
3
4
5
Dimensions are in millimeters.
Interpret dimensions and tolerances
per ASME Y14.5M-1994.
Dimension b is measured at the
maximum solder ball diameter, parallel
to datum plane Z.
Datum Z (seating plane) is defined by
the spherical crowns of the solder balls.
Parallelism measurement shall exclude
any effect of mark on top surface of
package.
1.
2.
A
A1
DETAIL
0.2 Z
Z
0.20 Z
5
4
0.1mm Min
X
Y
0.20
Ø0.25
Ø0.10 Z
X Y
Z


Similar Part No. - SG-BGA-6162

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6160 IRONWOOD-SG-BGA-6160 Datasheet
75Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6161 IRONWOOD-SG-BGA-6161 Datasheet
51Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6163 IRONWOOD-SG-BGA-6163 Datasheet
102Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6164 IRONWOOD-SG-BGA-6164 Datasheet
103Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6165 IRONWOOD-SG-BGA-6165 Datasheet
52Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6162

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com