Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RF073M2S Datasheet(PDF) 1 Page - Rohm

Part No. RF073M2S
Description  Fast recovery diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

RF073M2S Datasheet(HTML) 1 Page - Rohm

  RF073M2S Datasheet HTML 1Page - Rohm RF073M2S Datasheet HTML 2Page - Rohm RF073M2S Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF073M2S
Diodes
1/2
Fast recovery diode
RF073M2S
Applications
High frequency rectification
Features
1) Small power mold type (PMDS)
2) Ultra low VF
3) Very fast recovery
4) Low switching loss
Construction
Silicon epitaxial planar
External dimensions (Unit : mm)
ROHM : PMDU
CATHODE MARK
0.9 0.1
0.80 0.1
1.6 0.1
0.1
+−
+−
+−
+−0.1
0.05
Absolute maximum ratings (Ta=25
°C)
Parameter
Unit
Symbol
Limits
Reverse voltage (repetitive peak)
V
VRM
200
Average rectified forward current
A
IO
0.7
V
VR
200
Reverse voltage (DC)
Forward voltage (DC)
A
IF
1.0
A
IFSM
15
Forward peak surge current
(60Hz . 1cyc.)
°C
Tj
150
Junction temperature
Tstg
−55 to +150
°C
Storage temperature
∗ Tc max=120
°C Mounting on glass epoxi board
Electrical characteristics (Ta=25
°C)
Parameter
Conditions
Symbol
Min.
Max.
Unit
Typ.
IF=0.7A
VF
0.890
V
0.830
Forward voltage
VR=200V
IR
10
µA
1.2
Reverse current
trr
20
IF=0.5A, IR=1.0A, Irr=0.25 IR
ns
9
Reverse recovery time
Note) ESD sensitive product handing required.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ARF260FAST RECOVERY DIODE 1 2 3 4 Power Semiconductors
ARF672FAST RECOVERY DIODE 1 2 Power Semiconductors
CC24500NSuper Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts 1 2 Powerex Power Semiconductors
CS240650Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts 1 2 3 4 Powerex Power Semiconductors
QR0610T30Fast Recovery Diode Module 100 Amp/600 Volts 1 2 3 Powerex Power Semiconductors
QRS1240T30Fast Recovery Diode Module 400 Amp/1200 Volts 1 2 3 Powerex Power Semiconductors
DSEI120-12AFast Recovery Epitaxial Diode FRED 1 2 IXYS Corporation
RM50HG-12SSuper Fast Recovery Single Diode 50 Amperes/600 Volts 1 2 Powerex Power Semiconductors
STPR120AHIGH EFFICIENCY FAST RECOVERY DIODE 1 2 3 4 5 STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn