Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6157 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6157
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6157 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6157 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6157 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6157 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6157 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A
A
19.13mm
16.13mm
15.25mm
Assembled
8.0mm +
IC thickness
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Epoxy mount, solderless
Features
Status: Released
Drawing: H. Hansen
Scale: -
Rev: C
Date: 7/21/05
File: SG-BGA-6157 Dwg
SG-BGA-6157 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Minimum real estate required
Directly mounts to target PCB (needs epoxy) .
Side View
(Section AA)
Socket Lid: Black anodized 6061 Aluminum.
Thickness = 2.5mm.
1
Compression Plate: Black anodized 6061 Aluminum.
Thickness = 2.5mm.
Elastomer: 20 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.5mm.
Socket base: Black anodized 6061 Aluminum.
Thickness = 5mm.
Socket lid screw: Socket head cap, Alloy steel with
black oxide finish, 0-80 fine thread , 4.76mm long.
Compression screw: Clear anodized 6061 Aluminum.
Thickness = 5mm, Hex socket = 5mm.
2
3
4
5
6
Modified: 07/31/14
Note: Alignment guide for positioning socket
base to target PCB will be supplied.
PAGE 1 OF 4
3
4
5
6
1
2
Customer's BGA IC
Customer's target PCB
Recommended torque is 1-1.5 in lb.
Top View


Similar Part No. - SG-BGA-6157

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6150 IRONWOOD-SG-BGA-6150 Datasheet
116Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6152 IRONWOOD-SG-BGA-6152 Datasheet
61Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6153 IRONWOOD-SG-BGA-6153 Datasheet
112Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6154 IRONWOOD-SG-BGA-6154 Datasheet
46Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6155 IRONWOOD-SG-BGA-6155 Datasheet
70Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6157

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com