Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3112AIDBZR Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3112AIDBZR
Description  15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3112AIDBZR Datasheet(HTML) 3 Page - Burr-Brown (TI)

  REF3112AIDBZR Datasheet HTML 1Page - Burr-Brown (TI) REF3112AIDBZR Datasheet HTML 2Page - Burr-Brown (TI) REF3112AIDBZR Datasheet HTML 3Page - Burr-Brown (TI) REF3112AIDBZR Datasheet HTML 4Page - Burr-Brown (TI) REF3112AIDBZR Datasheet HTML 5Page - Burr-Brown (TI) REF3112AIDBZR Datasheet HTML 6Page - Burr-Brown (TI) REF3112AIDBZR Datasheet HTML 7Page - Burr-Brown (TI) REF3112AIDBZR Datasheet HTML 8Page - Burr-Brown (TI) REF3112AIDBZR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REF3112, 3120, 3125, 3130, 3133, 3140
3
SBVS046A
www.ti.com
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, ILOAD = 0mA, VIN = +5V, unless otherwise noted.
REF31xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REF3130 – 3.0V
OUTPUT VOLTAGE
V
OUT
2.9940
3.0
3.0060
V
Initial Accuracy
–0.2
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
39
µV
PP
Voltage Noise
f = 10Hz to 10kHz
57
µVrms
REF3133 – 3.3V
OUTPUT VOLTAGE
V
OUT
3.2934
3.30
3.3066
V
Initial Accuracy
–0.2
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
43
µV
PP
Voltage Noise
f = 10Hz to 10kHz
63
µVrms
REF3140 – 4.096V
OUTPUT VOLTAGE
V
OUT
4.0878
4.096
4.1042
V
Initial Accuracy
–0.2
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
53
µV
PP
Voltage Noise
f = 10Hz to 10kHz
78
µVrms
REF3112, REF3120, REF3125, REF3130, REF3133, REF3140
OUTPUT VOLTAGE TEMP DRIFT(2)
dV
OUT/dT
0
°C T
A +70°C
5
15
ppm/
°C
–40
°C T
A +125°C
10
20
ppm/
°C
LONG-TERM STABILITY
0-1000h
70
ppm
LINE REGULATION
VREF + 0.05(1) ≤ VIN ≤ 5.5V
20
65
ppm/V
LOAD REGULATION(3)
dVOUT/dILOAD
Sourcing
0mA < I
LOAD < 10mA,
10
30
µV/mA
VIN = VREF + 250mV(1)
Sinking
–10mA < I
LOAD < 0mA,
20
50
µV/mA
VIN = VREF + 100mV(1)
THERMAL HYSTERESIS(4)
dT
First Cycle
100
ppm
Additional Cycles
25
ppm
DROPOUT VOLTAGE(1)
VIN – VOUT
550
mV
OUTPUT CURRENT
ILOAD
–10
10
mA
SHORT-CIRCUIT CURRENT
I
SC
Sourcing
50
mA
Sinking
40
mA
TURN-ON SETTLING TIME
to 0.1% at VIN = +5V with CL = 0
400
µs
POWER SUPPLY
IL = 0
Voltage
V
S
VREF + 0.05(1)
5.5
V
Quiescent Current
I
Q
100
115
µA
Over Temperature
115
135
µA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+135
°C
Storage Range
–65
+150
°C
Thermal Resistance
SOT23-3 Surface-Mount
θ
JA
336
°C/W
NOTES: (1) Minimum supply voltage for REF3112 is 1.8V.
(2) Box Method used to determine temperature drift.
(3) Typical value of load regulation reflects measurements using force and sense contacts, see section
Load Regulation.
(4) Thermal hysteresis is explained in more detail in Applications Information section of data sheet.
(5) For IL > 0, see Typical Characteristic curves.


Similar Part No. - REF3112AIDBZR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3112AIDBZR BURR-BROWN-REF3112AIDBZR Datasheet
284Kb / 13P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3112AIDBZRG4 BURR-BROWN-REF3112AIDBZRG4 Datasheet
284Kb / 13P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
More results

Similar Description - REF3112AIDBZR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3112 BURR-BROWN-REF3112 Datasheet
284Kb / 13P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3212 BURR-BROWN-REF3212 Datasheet
311Kb / 15P
   4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3012 TI-REF3012 Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
   100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3212 TI-REF3212 Datasheet
263Kb / 14P
[Old version datasheet]   4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
[Old version datasheet]   50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520 MAXIM-MAX6520_V01 Datasheet
328Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com