Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP502A00EN2B000 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S6BP502A00EN2B000
Description  Wide input voltage range : 2.5V to 42V (DD3V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP502A00EN2B000 Datasheet(HTML) 3 Page - Cypress Semiconductor

  S6BP502A00EN2B000 Datasheet HTML 1Page - Cypress Semiconductor S6BP502A00EN2B000 Datasheet HTML 2Page - Cypress Semiconductor S6BP502A00EN2B000 Datasheet HTML 3Page - Cypress Semiconductor S6BP502A00EN2B000 Datasheet HTML 4Page - Cypress Semiconductor S6BP502A00EN2B000 Datasheet HTML 5Page - Cypress Semiconductor S6BP502A00EN2B000 Datasheet HTML 6Page - Cypress Semiconductor S6BP502A00EN2B000 Datasheet HTML 7Page - Cypress Semiconductor S6BP502A00EN2B000 Datasheet HTML 8Page - Cypress Semiconductor S6BP502A00EN2B000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Document Number: 002-03396 Rev. *D
Page 3 of 23
S6BP501A, S6BP502A
PRELIMINARY
1. Product Lineup
To order a product, select an item from the product lineup blow. For information on the ordering part number, please see "13.
Ordering Information".
Product Name
S6BP501A
S6BP502A
Pin count
32
Power supply voltage range
2.5V to 42V
Output voltage range
DD1V
1.0V to 1.3V
DD3V
3.2V to 3.4V
DD5V
5.0V to 5.2V
Maximum output current
DD1V
1.4A
2.0A
SW3V (*1)
1.6A
1.9A
DD5V
1.3A
1.3A
Package
QFN-32 (VNG032)
*1: Load switch for DD3V. Each value is the maximum output current via SW3V.
2. Pin Assignment
(Top view)
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
EP (Exposed Pad)
FB1V
PVCC1V
LX1V
PGND1V
PGND5V
LX5V
VOUT5V
FB5V
VOUT3V
IN3V
VB
FB3V
CSP
CSN
EN5V
VIN
(QFN-32)


Similar Part No. - S6BP502A00EN2B000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP502A00EN2B000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
logo
Maxim Integrated Produc...
MAX17532 MAXIM-MAX17532 Datasheet
1Mb / 21P
   Wide 4V to 42V Input
Rev 1; 3/15
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
LP25P21T5 LEIDITECH-LP25P21T5 Datasheet
924Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
LP25051T5 LEIDITECH-LP25051T5 Datasheet
903Kb / 6P
   Input Voltage Range: 2.5V to 5.5V
logo
Advanced Monolithic Sys...
AMS1072 AMS-AMS1072 Datasheet
469Kb / 6P
   2.5V to 8V Input Voltage Range
logo
Maxim Integrated Produc...
MAX25201EVKIT MAXIM-MAX25201EVKIT Datasheet
881Kb / 7P
   4.5V to 42V Input Supply Range
Rev 0; 8/19
logo
Texas Instruments
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
[Old version datasheet]   Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com