Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP401AJ2SN1B000 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S6BP401AJ2SN1B000
Description  Quad Buck DC/DC Converter (DD1 to DD4)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP401AJ2SN1B000 Datasheet(HTML) 5 Page - Cypress Semiconductor

  S6BP401AJ2SN1B000 Datasheet HTML 1Page - Cypress Semiconductor S6BP401AJ2SN1B000 Datasheet HTML 2Page - Cypress Semiconductor S6BP401AJ2SN1B000 Datasheet HTML 3Page - Cypress Semiconductor S6BP401AJ2SN1B000 Datasheet HTML 4Page - Cypress Semiconductor S6BP401AJ2SN1B000 Datasheet HTML 5Page - Cypress Semiconductor S6BP401AJ2SN1B000 Datasheet HTML 6Page - Cypress Semiconductor S6BP401AJ2SN1B000 Datasheet HTML 7Page - Cypress Semiconductor S6BP401AJ2SN1B000 Datasheet HTML 8Page - Cypress Semiconductor S6BP401AJ2SN1B000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Document Number: 002-03341 Rev.*C
Page 5 of 38
S6BP401A
3. Pin Functions
Table 3-1 Pin Functions
Functional
Block
Pin Number
Pin Name
I/O
Description
Pin Setting When
Not Being Used
DD1
19
EN1
I
Enable input terminal of DD1.
Ground
30
FB1
I
Output voltage feedback terminal of DD1.
Ground
33
PG1
O
Power good output terminal of DD1.
Ground
29
PVCC1
-
Power supply terminal of DD1.
VCC
28
LX1
O
Inductor connect terminal of DD1.
Leave pin open
27
PGND1
-
Power ground terminal of DD1.
Ground
DD2
18
EN2
I
Enable input terminal of DD2.
Ground
20
FB2
I
Output voltage feedback terminal of DD2.
Ground
31
PG2
O
Power good output terminal of DD2.
Ground
21, 22
PVCC2
-
Power supply terminal of DD2.
VCC
23, 24
LX2
O
Inductor connect terminal of DD2.
Leave pin open
25, 26
PGND2
-
Power ground terminal of DD2.
Ground
DD3
17
EN3
I
Enable input terminal of DD3.
Ground
9
FB3
I
Output voltage feedback terminal of DD3.
Ground
10
PG3
O
Power good output terminal of DD3.
Ground
8
PVCC3
-
Power supply terminal of DD3.
VCC
7
LX3
O
Inductor connect terminal of DD3.
Leave pin open
6
PGND3
-
Power ground terminal of DD3.
Ground
DD4
16
EN4
I
Enable input terminal of DD4.
Ground
2
FB4
I
Output voltage feedback terminal of DD4.
Ground
1
PG4
O
Power good output terminal of DD4.
Ground
3
PVCC4
-
Power supply terminal of DD4.
VCC
4
LX4
O
Inductor connect terminal of DD4.
Leave pin open
5
PGND4
-
Power ground terminal of DD4.
Ground
LD1
15
ENL1
I
Enable input terminal of LD1.
Ground
36
PVCCL1
-
Power supply terminal of LD1.
VCC
35
LDO1
O
Output terminal of LD1.
Leave pin open
LD2
14
ENL2
I
Enable input of LD2.
Ground
40
PGL2
O
Power good output terminal of LD2.
Ground
37
PVCCL2
-
Power supply terminal of LD2.
VCC
38
LDO2
O
Output terminal of LD2.
Leave pin open
WDT
12
WDI
I
Trigger input terminal of WDT.
Ground
13
RST
O
Reset input terminal of WDT.
Ground
SYNC
11
SYNC
I
External clock input terminal.
Ground
-
34
VCC
-
Power supply terminal for analog controller.
-
32
VREG
O
Internal 1.8V supply voltage capacitor terminal. Do NOT
supply or load this terminal externally.
-
39
GND
-
Ground terminal for analog controller.
-
EP
EP
-
Exposed pad. Connect to ground plane.
-
CP1, CP2,
CP3, CP4
CP
-
Corner pad for reinforcing attachment to a board.
Connect to ground plane.


Similar Part No. - S6BP401AJ2SN1B000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP401AJ2SN1B000

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
XL7016 ETC2-XL7016 Datasheet
204Kb / 9P
   0.5A 150KHz 100V Buck DC to DC Converter
logo
XLSEMI
XL7056 XLSEMI-XL7056 Datasheet
241Kb / 11P
   2.1A 100KHz 90V Buck DC to DC Converter
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com