Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP401AJ0SN1B000 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S6BP401AJ0SN1B000
Description  Quad Buck DC/DC Converter (DD1 to DD4)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP401AJ0SN1B000 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S6BP401AJ0SN1B000 Datasheet HTML 6Page - Cypress Semiconductor S6BP401AJ0SN1B000 Datasheet HTML 7Page - Cypress Semiconductor S6BP401AJ0SN1B000 Datasheet HTML 8Page - Cypress Semiconductor S6BP401AJ0SN1B000 Datasheet HTML 9Page - Cypress Semiconductor S6BP401AJ0SN1B000 Datasheet HTML 10Page - Cypress Semiconductor S6BP401AJ0SN1B000 Datasheet HTML 11Page - Cypress Semiconductor S6BP401AJ0SN1B000 Datasheet HTML 12Page - Cypress Semiconductor S6BP401AJ0SN1B000 Datasheet HTML 13Page - Cypress Semiconductor S6BP401AJ0SN1B000 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Document Number: 002-03341 Rev.*C
Page 10 of 38
S6BP401A
6. Absolute Maximum Ratings
Table 6-1 Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VVCC
VCC
-0.3
+6.9
V
VPVCC
PVCC1, PVCC2, PVCC3, PVCC4
-0.3
+6.9
V
VPVCCL
PVCCL1, PVCCL2
-0.3
+6.9
V
Input voltage
VEN
EN1, EN2, EN3, EN4, ENL1, ENL2
-0.3
+6.9
V
VWDI
WDI
-0.3
+6.9
V
VSYNC
SYNC
-0.3
+6.9
V
VFB
FB1, FB2, FB3, FB4
-0.3
+6.9
V
VPG
PG1, PG2, PG3, PG4, PGL2
-0.3
+6.9
V
VRST
RST
-0.3
+6.9
V
LX voltage
VLX
LX1, LX2, LX3, LX4
-0.3
+6.9
V
Voltage difference
VPVCC-VCC
PVCC1 -VCC, PVCC2-VCC,
PVCC3-VCC, PVCC4-VCC
-0.3
+0.3
V
VPGND-GND
PGND1-GND, PGND2-GND,
PGND3-GND, PGND4-GND
-0.3
+0.3
V
VPVCC-LX
PVCC1-LX1, PVCC2-LX2,
PVCC3-LX3, PVCC4-LX4
-0.3
+6.9
V
VVCC-INPUT
VCC-EN1, VCC-EN2, VCC-EN3,
VCC-EN4, VCC-EN1L, VCC-EN2L,
VCC-WDI, VCC-SYNC, VCC-FB1,
VCC-FB2, VCC-FB3, VCC-FB4
-0.3
+6.9
V
Power dissipation
PD
TA ≤ + 25°C,
Thermal resistance (θJA): 18°C /W (*1)
-
6940
mW
Junction temperature
TJ
-
-40
+150
°C
Storage temperature
TSTG
-
-55
+150
°C
*1: When the IC is mounted on 76.2 mm × 114.3 mm four-layer epoxy board. IC is mounted on a four-layer epoxy board, which
terminal bias, and the IC’s thermal pad is connected to the epoxy board.
WARNING
1.
Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage, current or
temperature) in excess of absolute maximum ratings. Do not exceed any of these ratings.
Figure 6-1 Maximum Power Dissipation - Operating Ambient Temperature Characteristics
0
1000
2000
3000
4000
5000
6000
7000
8000
-60 -40 -20
0
20
40
60
80 100 120 140
Ambient Temperature T
A [°C]


Similar Part No. - S6BP401AJ0SN1B000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP401AJ0SN1B000

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
XL7016 ETC2-XL7016 Datasheet
204Kb / 9P
   0.5A 150KHz 100V Buck DC to DC Converter
logo
XLSEMI
XL7056 XLSEMI-XL7056 Datasheet
241Kb / 11P
   2.1A 100KHz 90V Buck DC to DC Converter
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com