Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P9038 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # P9038
Description  8W, Qi-compliant, Wireless Power Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9038 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button P9038 Datasheet HTML 3Page - Integrated Device Technology P9038 Datasheet HTML 4Page - Integrated Device Technology P9038 Datasheet HTML 5Page - Integrated Device Technology P9038 Datasheet HTML 6Page - Integrated Device Technology P9038 Datasheet HTML 7Page - Integrated Device Technology P9038 Datasheet HTML 8Page - Integrated Device Technology P9038 Datasheet HTML 9Page - Integrated Device Technology P9038 Datasheet HTML 10Page - Integrated Device Technology P9038 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
P9038 DATASHEET
P9038 August 1, 2016
7
©2016 Integrated Device Technology, Inc.
Pin Configuration
Pin Descriptions
Pin #
Name
Type
Function
1
GND
I
Signal Ground Connection.
2
NC
Do not connect. Internally connected.
3
GPIO6
I/O
General Purpose Input/Output.
4
GPIO5
I/O
General Purpose Input/Output.
5
GPIO4
I/O
General Purpose Input/Output.
6
GPIO3
I/O
General Purpose Input/Output.
7
GPIO2
I/O
General Purpose Input/Output.
8
GPIO1
I/O
General Purpose Input/Output.
9
GPIO0
I/O
General Purpose Input/Output.
10
SCL
I
I2C Clock.
11
SDA
I/O
I2C Data.
12
DP
I/O
USB Data Positive Input. If not used, the pin can be floating.
13
DM
I/O
USB Data Negative Input. If not used, the pin can be floating.
14
RESET
I
Active-high Reset Pin. Connect a 47KΩ to GND or tie directly to GND if not used.
15
VBUS_SNS
I
VBUS OVP sense point & provides bias for OVP circuitry.
GPIO6
NC
GND
SW1
IN
IN
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
SCL
SDA
RESET
DP
DM
PGND1
SW1
SW1
SW1
IN
IN
SW2
SW2
SW2
SW2
PGND2
4
3
2
1
5
6
7
8
9
10
11
12
13
14
18
17
16
15
19
20
21
22
23
24
25
26
27
28
53
54
55
56
52
51
50
49
48
47
46
45
44
43
39
40
41
42
38
37
36
35
34
33
32
31
30
29
EPAD


Similar Part No. - P9038

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9038 RENESAS-P9038 Datasheet
412Kb / 17P
   8W, Qi-compliant, Wireless Power Transmitter with Integrated Full Bridge Inverter
July 26, 2018
More results

Similar Description - P9038

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9038 RENESAS-P9038 Datasheet
412Kb / 17P
   8W, Qi-compliant, Wireless Power Transmitter with Integrated Full Bridge Inverter
July 26, 2018
logo
Texas Instruments
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
   QI Compliant Wireless Power Transmitter Series
logo
Texas Instruments
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
   Qi compliant wireless power transmitter IC
logo
Texas Instruments
BQ500410A TI1-BQ500410A Datasheet
1Mb / 30P
[Old version datasheet]   Free Positioning, Qi Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
   QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com