Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW43364KUBGT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYW43364KUBGT
Description  Single-band 2.4 GHz IEEE 802.11b/g/n
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43364KUBGT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYW43364KUBGT Datasheet HTML 6Page - Cypress Semiconductor CYW43364KUBGT Datasheet HTML 7Page - Cypress Semiconductor CYW43364KUBGT Datasheet HTML 8Page - Cypress Semiconductor CYW43364KUBGT Datasheet HTML 9Page - Cypress Semiconductor CYW43364KUBGT Datasheet HTML 10Page - Cypress Semiconductor CYW43364KUBGT Datasheet HTML 11Page - Cypress Semiconductor CYW43364KUBGT Datasheet HTML 12Page - Cypress Semiconductor CYW43364KUBGT Datasheet HTML 13Page - Cypress Semiconductor CYW43364KUBGT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
Document Number: 002-14781 Rev. *C
Page 10 of 68
PRELIMINARY
CYW43364
2.5 Power-Off Shutdown
The CYW43364 provides a low-power shutdown feature that allows the device to be turned off while the host, and any other devices
in the system, remain operational. When the CYW43364 is not needed in the system, VDDIO_RF and VDDC are shut down while
VDDIO remains powered. This allows the CYW43364 to be effectively off while keeping the I/O pins powered so that they do not draw
extra current from any other devices connected to the I/O.
During a low-power shutdown state, provided VDDIO remains applied to the CYW43364, all outputs are tristated, and most input
signals are disabled. Input voltages must remain within the limits defined for normal operation. This is done to prevent current paths
or create loading on any digital signals in the system, and enables the CYW43364 to be fully integrated in an embedded device and
to take full advantage of the lowest power-savings modes.
When the CYW43364 is powered on from this state, it is the same as a normal power-up, and the device does not retain any
information about its state from before it was powered down.
2.6 Power-Up/Power-Down/Reset Circuits
The CYW43364 has two signals (see Table 2) that enable or disable the WLAN circuits and the internal regulator blocks, allowing the
host to control power consumption. For timing diagrams of these signals and the required power-up sequences, see Section 14.:
“Power-Up Sequence and Timing,” on page 62.
Table 2. Power-Up/Power-Down/Reset Control Signals
Signal
Description
WL_REG_ON
This signal is used by the PMU to power-up the WLAN section. When this pin is high, the regulators are enabled
and the WLAN section is out of reset. When this pin is low, the WLAN section is in reset. This pin has an
internal 200 kΩ pull-down resistor that is enabled by default. It can be disabled through programming.


Similar Part No. - CYW43364KUBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW43362 CYPRESS-CYW43362 Datasheet
742Kb / 51P
   Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
CYW43362KUBG CYPRESS-CYW43362KUBG Datasheet
742Kb / 51P
   Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
More results

Similar Description - CYW43364KUBGT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
MRF24WG0MA MICROCHIP-MRF24WG0MA Datasheet
657Kb / 38P
   MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
11/29/11
MRF24WG0MA MICROCHIP-MRF24WG0MA_12 Datasheet
657Kb / 38P
   MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
2012 11/29/11
logo
Broadcom Corporation.
BCM5356 BOARDCOM-BCM5356 Datasheet
142Kb / 2P
   IEEE 802.11b/g and SINGLE-STREAM IEEE 802.11n 2.4 GHz ROUTER WITH ACCELERANGE™ TECHNOLOGY
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com